Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



CIRCUITS Fiches techniques, Datasheet

Description trouvée : 'CIRCUITS' - Totale: 40797 (1/2040) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
34707-4000 Stac64™ 4 Bay Vertical Headers, 80 Circuits, Bay A 20 Circuits Signal Header, Polarization A, Black; Bay B 20 Circuits Signal Header, Polarization B, Gray; Bay C 20 Circuits Signal Header, Polarization C, Brown; Bay D 20 Circuits, Tray
34707-4010 Stac64™ 4 Bay Vertical Headers, 56 Circuits, Bay A 12 Circuits Signal Header, Polarization A, Black; Bay B 20 Circuits Signal Header, Polarization A, Black; Bay C 8 Circuits Signal Header, Polarization A, Black; Bay D 16 Circuits, Tray
34707-9000 Stac64™ 4 Bay Vertical Headers, 80 Circuits, Bay A 20 Circuits Signal Header, Polarization A, Black; Bay B 20 Circuits Signal Header, Polarization B, Gray; Bay C 20 Circuits Signal Header, Polarization C, Brown; Bay D 20 Circuits, Tube
34708-2026 Stac64™ 2 Bay Right Angle Headers, 36 Circuits, Bay A 16 Circuits Signal Header, Polarization A, Black; Bay B 20 Circuits Signal Header, Polarization A, Black; Tray
34708-2027 Stac64™ 2 Bay Right Angle Headers, 16 Circuits, Bay A 8 Circuits Signal Header, Polarization B, Gray; Bay B 8 Circuits Signal Header, Polarization B, Gray; Tray
34708-2028 Stac64™ 2 Bay Right Angle Headers, 24 Circuits, Bay A 16 Circuits Signal Header, Polarization A, Black; Bay B 8 Circuits Signal Header, Polarization A, Black; Tray
34763-0001 CMC Header 154 Circuits, 3-Bay (Bay-X 48 Circuits; Bay-Y 53 Circuits Bay-Z 53 Circuits) Compliant Pin, Press-fit Style
0930703101 2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 9 Circuits, Glow Wire Compatible, with Latch, Voided Circuits
03-06-2032 1.57mm Diameter Standard .062 Pin and Socket Plug Housing, 3 Circuits, without 1.57mm Diameter Standard .062" Pin and Socket Plug Housing, 3 Circuits, without

PHOENIX CONTACT
2300096 Power optocoupler, with protection circuits in 24 V DC input and output circuits. Direct current voltage output max. 3 A

Molex Electronics Ltd.
0878980204 2.54mm Pitch C-Grid® / SL™ Header, Surface Mount, Breakaway, Vertical, 2 Circuits, 2.54mm Pitch C-Grid® / SL™ Header, Surface Mount, Breakaway, Vertical, 2 Circuits,
0685609102 6 Circuits Female-to-6 Circuits Female, Ganged RF Cable Assembly 1.0m (3.28)Length
0878970507 2.54mm Pitch KK® Header, Right Angle, Through Hole, Breakaway, 5 Circuits, Plating, Tray Packaging, 5 Circuits, Void Positions 2, 3, 4, Leadfree
0685609101 6 Circuits Male-to-6 Circuits Male, Ganged RF Cable Assembly 1.0m (3.28) Length

PHOENIX CONTACT
ST-OV3-220DC Pluggable power optocoupler, with light indicator and protection circuits in the input and output circuits, input: 220 V DC, output: 24-280 V AC/max. 3 A, can be plugged on basic termination blocks

Molex Electronics Ltd.
0685608201 8 Circuits Male-to-8 Circuits Male, Ganged RF Cable Assembly 1.50m (4.92 ) Length
0022456116 2.54mm (.100") KK® IDT Double Cantilever Contact, 11 Circuits, Gold (Au), Feed-2.54mm (.100") KK® IDT Double Cantilever Contact, 11 Circuits, Gold (Au), Feed-
0643201301_18 CMC Wire Cap for 48 Circuits and 28 Circuits, CMC Receptacle Mat Sealed
0685608101 8 Circuits Male-to-8 Circuits Male, Ganged RF Cable Assembly 1.0m (3.28) Length
15168-0229 1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 14 Circuits 16 Circuits