Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



CIRCUITS Fiches techniques, Datasheet

Description trouvée : 'CIRCUITS' - Totale: 40797 (1/2040) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
34707-4010 Stac64™ 4 Bay Vertical Headers, 56 Circuits, Bay A 12 Circuits Signal Header, Polarization A, Black; Bay B 20 Circuits Signal Header, Polarization A, Black; Bay C 8 Circuits Signal Header, Polarization A, Black; Bay D 16 Circuits, Tray
34707-9000 Stac64™ 4 Bay Vertical Headers, 80 Circuits, Bay A 20 Circuits Signal Header, Polarization A, Black; Bay B 20 Circuits Signal Header, Polarization B, Gray; Bay C 20 Circuits Signal Header, Polarization C, Brown; Bay D 20 Circuits, Tube
34707-4000 Stac64™ 4 Bay Vertical Headers, 80 Circuits, Bay A 20 Circuits Signal Header, Polarization A, Black; Bay B 20 Circuits Signal Header, Polarization B, Gray; Bay C 20 Circuits Signal Header, Polarization C, Brown; Bay D 20 Circuits, Tray
34708-2028 Stac64™ 2 Bay Right Angle Headers, 24 Circuits, Bay A 16 Circuits Signal Header, Polarization A, Black; Bay B 8 Circuits Signal Header, Polarization A, Black; Tray
34763-0001 CMC Header 154 Circuits, 3-Bay (Bay-X 48 Circuits; Bay-Y 53 Circuits Bay-Z 53 Circuits) Compliant Pin, Press-fit Style
34708-2026 Stac64™ 2 Bay Right Angle Headers, 36 Circuits, Bay A 16 Circuits Signal Header, Polarization A, Black; Bay B 20 Circuits Signal Header, Polarization A, Black; Tray
34708-2027 Stac64™ 2 Bay Right Angle Headers, 16 Circuits, Bay A 8 Circuits Signal Header, Polarization B, Gray; Bay B 8 Circuits Signal Header, Polarization B, Gray; Tray

PHOENIX CONTACT
ST-OE3-220DC Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 220 V DC, output: short-circuit resistant, 12-35 V DC/max. 500 mA, can be plugged on basic termination blocks

Molex Electronics Ltd.
46409-1100 EXTreme Ten60Power 153 6.00mm Pitch Plug Kit, 4 Power Circuits, 4 Signal Circuits with TPA
0685609101 6 Circuits Male-to-6 Circuits Male, Ganged RF Cable Assembly 1.0m (3.28) Length
0901361404_17 C-Grid III Header, Single Row, Vertical, Shrouded, 4 Circuits, Flash 0.10μm Gold (Au) C-Grid III Header, Single Row, Vertical, Shrouded, 4 Circuits, Flash 0.10μm Gold (Au)
0022035045_17 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn) 2.50mm Pitch SPOX Wire-to-Board Header, Vertical, Shrouded, 4 Circuits, Tin (Sn)
0022456116 2.54mm (.100") KK® IDT Double Cantilever Contact, 11 Circuits, Gold (Au), Feed-2.54mm (.100") KK® IDT Double Cantilever Contact, 11 Circuits, Gold (Au), Feed-
0643201301_18 CMC Wire Cap for 48 Circuits and 28 Circuits, CMC Receptacle Mat Sealed
0878980204 2.54mm Pitch C-Grid® / SL™ Header, Surface Mount, Breakaway, Vertical, 2 Circuits, 2.54mm Pitch C-Grid® / SL™ Header, Surface Mount, Breakaway, Vertical, 2 Circuits,
0348241202 Mini50 Unsealed Receptacle, Dual Row, Bridged, 20 Circuits, Polarization Option C, Mini50™ Unsealed Receptacle, Dual Row, Bridged, 20 Circuits, Polarization Option C,
15168-0233 1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 14 Circuits 16 Circuits
41662-0006 KK 396 Breakaway Header, Right-Angle, 7 Circuits, 0.38um Gold (Au) Selective KK® 396 Breakaway Header, Right-Angle, 7 Circuits, 0.38μm Gold (Au) Selective

PHOENIX CONTACT
EMG17-OE-12DC Input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 12 V DC, output: short-circuit resistant, 12-35 V DC/max. 500 mA
EMG17-OV-TTL Power optocoupler, with light indicator and protection circuits in the input and output circuits, input: TTL 5 V DC, output: short-circuit resistant, 24 V DC/max. 2 A