Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



CHARGING Fiches techniques, Datasheet

Description trouvée : 'CHARGING' - Totale: 360 (1/18) Pages
FabricantNo de pièceVoirDescription

Hotchip Technology Co.,...
HT4349Q A linear charging mode of the largest A linear charging mode. charging current can be passed.
HT7582S A linear charging mode of the maximum 1 A linear charging mode of a charged current

Tripp Lite. All Rights ...
U360412 6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port

NXP Semiconductors
NX2A4WP_SDS A4WP compliant high frequency wireless charging receiver A4WP compliant high frequency wireless charging receiver

Hotchip Technology Co.,...
HT7913E A linear charging model in the built-in maximum 1 A linear charging mode

Injoinic Technology Co....
IP5318 4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC

Tripp Lite. All Rights ...
U360-412 6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port

Hotchip Technology Co.,...
HT3560S Charging voltage outside of charging voltage
HT4929E ChargIng, electric discharge can be used in a port, intelligent recognition charging input load output
HT4936S The built-in maximum 1 A linear charging mode of charging current is adjustable

Tripp Lite. All Rights ...
UR05C-003-RARB Dedicated Reversible USB Charging Cable Black,3-ft.

Freescale Semiconductor...
34825 Micro-USB Interface IC Supporting Universal Charging Solution and Wired Accessories

Silicon Standard Corp.
SS6783A Battery Charge Controller for Low Power Charging

Mitsumi Electronics, Co...
MM1248 Control of Lithium Ion Battery Charging and Discharging

Rohm
BH3890FV Charging control driver IC for Portable telephone BH3890FV

Texas Instruments
TPS2511-Q1 USB Dedicated Charging Port Controller and Current Limiting Power Switch

Mitsumi Electronics, Co...
MM1332 Control of Lithium Ion Batteries Charging

Hotchip Technology Co.,...
HT3540S Support 0 V battery charging and prechargIng precIpItatIon mode

Monolithic Power System...
MPQ4487 36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified

Semtech Corporation
TSWIRX-5V2-EVM Low Power Wireless Charging Receiver