Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CERAMIC Fiches techniques, Datasheet

Description trouvée : 'CERAMIC' - Totale: 59 (1/3) Page
FabricantNo de pièceVoirDescription

ILSI America LLC
ISM95 2.0 mm x 2.5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ZTT-MG 2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ILCX20 4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
I603 3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
I533 3.2 mm x 5 mm Ceramic Package SMD TCXO
ISM75 3.2 mm x 2.5 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM74 3.2 mm x 5.0 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM92-5151EH-20.000 3.2 mm x 5 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
I537 2.5 mm x 3.2 mm Ceramic Package SMD TCXO
ZTTS 2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
I605 5 mm x 7 mm Ceramic Package SMD VCXO, TTL / HC-MOS
ISM64 3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ZTTS-MG 2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
IL3T 2 Pad Ceramic Base SMD Crystal, 2.0 mm x 1.2 mm
ILCX10 2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX19 4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
I587 2.0 mm x 2.5 mm Ceramic Package SMD TCXO
I630 5 mm x 7 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
ISM81 5.0 mm x 7.0 mm Ceramic Package SMD Oscillator
IL3X 2 Pad Ceramic Package, 1.5 mm x 3.2 mm

  1 2 3