Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CERAMIC Fiches techniques, Datasheet

Description trouvée : 'CERAMIC' - Totale: 16 (1/1) Page
FabricantNo de pièceVoirDescription

Cooper Bussmann, Inc.
S505-500-R 5 x 20mm Time-Delay, Ceramic Tube Fuses
ABC-14-R Fast-acting, ceramic tube Optional axial leads available
MDA-14-R 1/4˝ x 1 1/4˝ Ceramic Tube Fuses
ABC-1-4 Fast-acting, ceramic tube
S501-5-R 5 x 20mm, Fast-Acting, Ceramic Tube Fuses
S501-2-R 5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
S505SCH-3.15-R 5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
ABC-1-R ABC Series, Fast-Acting, Ceramic Tube
S505-2-R 5 x 20mm Time-Delay, Ceramic Tube Fuses
GDA-50MA GDA Series, Fast-Acting, Ceramic Tube
GBB-1-R Ceramic Tube Fuses
MDA-15-R MDA Series, Time Delay, Ceramic Tube
C308F40MA Ferrule and axial lead 3 x 8.4 mm fast-acting, ceramic tube fuses for barrier applications
BKABC-20-R 1⁄4” x 1 1⁄4” Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
ABC-10A 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
1CJ Fast-Acting Ceramic Body, Class J