Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CERAMIC Fiches techniques, Datasheet

Description trouvée : 'CERAMIC' - Totale: 266 (1/14) Page
FabricantNo de pièceVoirDescription

Vishay Siliconix
VS-ST300C Metal case with ceramic insulator
VJC0G Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
K105K20X7RF5TH5 K10 Series Multilayer Ceramic Dipped Radial Capacitors
TOSZ114096 Barrel-Style Capacitors - Class 1 Ceramic
F101K25Y5RN6TJ5R Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
VJ5120W500GXCMT_15 Surface Mount Ceramic Chip Antennas for 5.0 GHz
VY1151K31Y5SQ6UV0 AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
440LD22-R AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
VJ5601M868MXBSR Surface Mount Ceramic Chip Antennas for 868 MHz
D331G47U2JH63L2R Ceramic Disc Capacitors
DSCC03029_12 Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
VJ0603Y332KXAAC Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
VJ1206Y104KXBAT Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
VJX8R_14 Surface Mount Multilayer Ceramic Chip Capacitors
ILC-0603 Surface Mount, Multi Layer High Frequency Ceramic Inductor
WYO472MCMCRBKR AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
660C High Voltage Ceramic DC Disc Capacitors with Axial Leads
VJ0805Y224KXXAT Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
GFMM Ceramic Capacitors Stacks
FPZ140_13 RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic

  1 2 3 4 5 6 7 8 9 10