Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CERAMIC Fiches techniques, Datasheet

Description trouvée : 'CERAMIC' - Totale: 39 (1/2) Page
FabricantNo de pièceVoirDescription

National Semiconductor ...
U99A 99 Pin Ceramic Pin Grid Array NS Package Number U99A
U120A 120 Pin Ceramic Pin Grid Array
MKT-UA302A PIN GRID ARRAY, CERAMIC, 302 PIN, CAVITY DOWN,.200 LG PIN
EL52A 52 Lead Ceramic Quad J-Bend
LM48823 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
LP3878 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
LM48555 Ceramic Speaker Driver
D24C 24 Lead Ceramic Sidebrazed Dual-in-Line Package NS Package Number D24C
J22A 22 Lead Ceramic Dual-in-Line Package
LP3878-ADJ Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
LP38691-ADJ_10 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
D40C 40 Lead Ceramic Sidebrazed Dual-in-Line Package NS Package Number D40C
MC16A 16 Lead Ceramic Small Outline Package NS Package Number MC16A
LM4962 Ceramic Speaker Driver
LP38843 3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LM48557 Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
F14C 14 Lead Ceramic Flatpack
LP38691-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
U301A PIN GRID ARRAY CERAMIC 301 PIN CAVITY DOWN

  1 2