Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CASE Fiches techniques, Datasheet

Description trouvée : 'CASE' - Totale: 487 (1/25) Page
FabricantNo de pièceVoirDescription

Illinois Capacitor, Inc...
226KXM050M Standardized Case Sizes - High Ripple CurrentMultiple Case Sizes

AVX Corporation
SQCB7M3R6BAJME SQ A Case & B Case Ultra Low ESR MLC

Illinois Capacitor, Inc...
477KXM050M Standardized Case Sizes - High Ripple CurrentMultiple Case Sizes

AVX Corporation
SQCB7M100JAT1A Microwave MLC’s, SQ A Case & B Case Ultra Low ESR MLC
SQCBEM102KATME500 Microwave MLC’s SQ A Case & B Case Ultra Low ESR MLC
SQCB7M390JATME SQ A Case & B Case Ultra Low ESR MLC

Altech corporation
ABS103U15A Molded Case Circuit Breakers UL489 Listed

Vishay Siliconix
293D107X96R3B2TE3 Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
TR3V107K010C0150 Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
293D105X9035B2T Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade

Tripp Lite. All Rights ...
U352-000-MD-AL USB 3.0 SuperSpeed Multi-Drive Memory Card Reader/Writer, Aluminum Case

Laird Tech Smart Techno...
CM3440Z171B-10 BULK PACKAGED 910 PC PER CASE

Kemet Corporation
T491E107K020AT Tantalum, MnO2 Tantalum, T491, 100 uF, 10%, 20 V, 7360, SMD, MnO2, Molded, Large Case, 500 mOhms, Height Max = 3.8mm

CTS Corporation
LB66B2 METAL CASE, CASE-MOUNTED SEMICONDUCTORS

Vishay Siliconix
TR3 Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
TH3B226K016C1900 Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C

Kersemi Electronic Co.,...
MBR1650FCT Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0

New Jersey Semi-Conduct...
2N3265 absolute maximum ratings at 25°C case temperature

Suntan Capacitors
1N4148W These diodes are also available in other case

TE Connectivity Ltd
T9A Plastic sealed case available

  1 2 3 4 5 6 7 8 9 10