Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CAPABLE Fiches techniques, Datasheet

Description trouvée : 'CAPABLE' - Totale: 376 (1/19) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0469911012_18 Mini-Fit Jr. Reflow Solder Capable Header, Right Angle, Dual Row, 12 Circuits, without Mounting Peg, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Capable
0469911024_18 Mini-Fit Jr. Reflow Solder Capable Header, Right Angle, Dual Row, 24 Circuits, without Mounting Peg, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Capable
0469914004_18 Mini-Fit Jr. Reflow Solder Capable Header, Right Angle, Dual Row, 4 Circuits, without Mounting Peg, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Capable
0462071208_18 4.20mm Pitch, Mini-Fit Jr. Reflow Solder Capable, Tray Header, Dual Row, Vertical, 8 Circuits, 3.18mm PCB Thickness, without PCB Pegs, LCP Housing, with Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Capable, Tray
0469911010_18 Mini-Fit Jr. Reflow Solder Capable Header, Right Angle, Dual Row, 10 Circuits, without Mounting Peg, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Capable
0462070006_18 4.20mm Pitch, Mini-Fit Jr. Reflow Solder Capable, Tray Header, Dual Row, Vertical

Advanced Power Electron...
AP2308GEN-HF Capable of 2.5V Gate Drive, Lower Gate Charge

Molex Electronics Ltd.
0366430004_18 2.13mm Diameter MLX Plug Housing, 4 Circuit, PA Polyamide Nylon 6/6 94V-2, Glow Wire Capable

Renesas Technology Corp
ISL6564 Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing

Molex Electronics Ltd.
0462074010_18 4.20mm Pitch, Mini-Fit Jr. Reflow Solder Capable, Tape and Reel Header, Dual Row

Advanced Power Electron...
AP9918GH Low on-resistance, Capable of 2.5V gate drive

Molex Electronics Ltd.
0449145402 Micro-Fit CPI Header, Dual Row, Vertical, Capable Pin Interface, 4 Circuits
0462076010_18 4.20mm Pitch, Mini-Fit Jr. Reflow Solder Capable, Tray Header, Dual Row, Vertical

HuaXinAn Electronics CO...
4120A Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.

Intersil Corporation
ISL6307A Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing

Molex Electronics Ltd.
0430450225_18 Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with PCB Press-fit Metal Retention Clip, Gold, Glow Wire Capable, Black
1724470214_18 Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 14 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, Glow Wire Capable
1726470104_18 Mini-Fit Jr. Header, Single Row, Vertical, 4 Circuits, PA Polyamide Nylon 6/6, 94V-2, Bright Tin (Sn) over Nickel (Ni) Plating, Glow Wire Capable

Texas Instruments
NA555 Precision timing circuits capable of producing accurate time delays or oscillation

Molex Electronics Ltd.
0366440007_18 2.13mm Diameter MLX Pin and Socket Receptacle, 12 Circuit, PA Polyamide Nylon 6/6 94V-2, Glow Wire Capable

  1 2 3 4 5 6 7 8 9 10