Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

CABLE Fiches techniques, Datasheet

Description trouvée : 'CABLE' - Totale: 25288 (1/1265) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
1402958 Bus system cable, CANopen®, DeviceNet™, 5-position, PVC, black, shielded, free cable end, on Socket straight M12, A-coded, cable length: 10 m

Tripp Lite. All Rights ...
SRCABLETRAY SmartRack Roof-Mounted Cable Trough - Provides cable routing and power/data cable segregation

Molex Electronics Ltd.
0734153580 50 Ohms, SMP Right-Angle, Cable, Jack, 1.194mm Semi-Rigid Cable, SR-047 Cable
0872801100 2.00mm Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 11 Circuits
0871301600 2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 16 Circuits

PHOENIX CONTACT
2321376 Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 15 m

Molex Electronics Ltd.
0871300300 2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 3 Circuits
0871301000 2.50mm Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 10Circuits

PHOENIX CONTACT
2318389 Assembled round cable with two molded 14-pos. socket strips (1:1 connection). The cable has a 90° punched on connector and a 180° punched on connector, cable length: 0.5 m
1425093 Power cable, 4-position, PVC, black-gray RAL 7021, Socket straight M12, L-coded, on free cable end, cable length: 1.5 m, for direct current up to 16 A/63 V

Molex Electronics Ltd.
0872800500 2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 5 Circuits

PHOENIX CONTACT
1609039 Master cable, Application: Sensor/actuator box Plastic, Number of positions: 19, Slot assignment: Double, Status indication: No; Master cable connection: M23 plug connection, PUR/PVC, Cable length: 20 m, Shielding: No

Molex Electronics Ltd.
0871301400 2.50mm (.098) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 14 Circuits
0871300400 2.50mm Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable 4 Circuits
0872800300 2.00mm Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 3 Circuits
73415-3580 50 Ohms, SMP Right-Angle, Cable, Jack, 1.194mm Semi-Rigid Cable, SR-047 Cable
0872800600 2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 6 Circuits

PHOENIX CONTACT
2318444 Assembled round cable with two molded 14-pos. socket strips (1:1 connection). The cable has a 90° punched on connector and a 180° punched on connector, cable length: 6 m
1425096 Power cable, 4-position, PVC, black-gray RAL 7021, Socket straight M12, L-coded, on free cable end, cable length: 10 m, for direct current up to 16 A/63 V
1413004 Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on Socket straight M12, A-coded, cable length: 35 m

  1 2 3 4 5 6 7 8 9 10