Fabricant | No de pièce | Voir | Description |

SPANSION
|
S71NS-N-MCP |
 |
MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory |

Micrel Semiconductor
|
SY88149HL_10 |
 |
3.3V 1.25Gbps Burst-Mode Limiting |

Optoway Technology Inc
|
LT-74E73E-PG |
 |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20) |
NU-73C94C-PG |
 |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver |

Maxim Integrated Produc...
|
MAX3643 |
 |
Burst-Mode Laser Driver |

SPANSION
|
S71NS-N |
 |
MirrorBit® 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory |

Micrel Semiconductor
|
SY88149HL |
 |
3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing |

Optoway Technology Inc
|
SPL-94B73B-WG |
 |
ITU-T G.984.2 G-PON CLASS B+ Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX |

Maxim Integrated Produc...
|
MAX3634 |
 |
622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications |

SPANSION
|
S75NS-N |
 |
MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface) |

Maxim Integrated Produc...
|
MAX3643_12 |
 |
155Mbps to 2.5Gbps Burst-Mode Laser Driver |
MAX3643_14 |
 |
155Mbps to 2.5Gbps Burst-Mode Laser Driver |

Optoway Technology Inc
|
NU-73D74D-PG |
 |
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver |
LT-54B353B-PG |
 |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver |
LT-74H73H-PG |
 |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver |

Micrel Semiconductor
|
SY88149HAL |
 |
1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing |

Vitesse Semiconductor C...
|
VSC7965 |
 |
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier |

Maxim Integrated Produc...
|
MAX3643_08 |
 |
155Mbps to 2.5Gbps Burst-Mode Laser Driver |

SPANSION
|
AM29BL802C_03 |
 |
8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1 |
S70WS512N00 |
 |
Same-Die Stacked Multi-Chip Product (MCP) 512 Megabit (32M x 16 bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory |