Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BUCK Fiches techniques, Datasheet

Description trouvée : 'BUCK' - Totale: 37 (1/2) Page
FabricantNo de pièceVoirDescription

Maxim Integrated Produc...
MAX77816EVKIT Buck and Boost Operation Including Seamless Transition between Buck and Boost Modes
MAX5096_07 40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
MAX5098A Dual, 2.2MHz, Automotive Buck or Boost Converter with 80V Load-Dump Protection
MAX5088 2.2MHz, 2A Buck Converters with an Integrated High-Side Switch
MAX1858A Dual 180° Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
MAX15034 Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
MAX5072 2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
MAX15034_11 Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
MAX1953 Low-Cost, High-Frequency, Current-Mode PWM Buck Controller
MAX1761 Small, Dual, High-Efficiency Buck Controller for Notebooks
MAX15002_12 Dual-Output Buck Controller with Tracking/Sequencing
MAX8500 PWM Buck Converters with Bypass FET for N-CDMA/W-CDMA Handsets
MAX5099 Dual, 2.2MHz, Automotive Synchronous Buck Converter with 80V Load-Dump Protection
MAX8553-MAX8554 4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
MAX15003 Triple-Output Buck Controller with Tracking/Sequencing
MAX5073 2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
MAX5066 Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
MAX16932 Dual Buck with 20μA Quiescent Current
MAX15023ETG-T Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
MAX15026_11 Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller

  1 2