Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BUCK Fiches techniques, Datasheet

Description trouvée : 'BUCK' - Totale: 65 (1/4) Page
FabricantNo de pièceVoirDescription

Fairchild Semiconductor
FAN5091 Two Slice Interleaved Synchronous Buck Converter
FAN53541 2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
FAN5902 800mA Buck Converter for 3G RFPAs
FAN2103_08 TinyBuck™ 3A, 24V Input, Integrated Synchronous Buck Regulator
FAN5904 Multi-Mode Buck Converter for GSM/EDGE, 3G/3.5G and 4G PAs
FAN2110 TinyBuck™, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN5232 Adjustable PWM Buck Controller for LCD PCs
FAN2103_12 3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN5090 Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN21SV06_12 TinyBuck™ 6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN5094 Multi-Phase Interleaved Buck Converter
FAN5099 Wide Frequency Synchronous Buck PWM AND LDO Controller
FAN5353 3MHz, 3A Synchronous Buck Regulator
FAN6520A_06 Single Synchronous Buck PWM Controller
FAN53601 6 MHz 600 mA / 1 A Synchronous Buck Regulator
FAN23SV04TMPX FAN23SV04T TinyBuck 4 A Integrated Synchronous Buck Regulator for DDR Termination
FAN5903 Buck Converter with Bypass Mode for 3 G / 3.5 G / 4 G PAs
FAN6520A Single Synchronous Buck PWM Controller
FAN2108_12 TinyBuck™ 3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN5029_07 8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller

  1 2 3 4