Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BUCK Fiches techniques, Datasheet

Description trouvée : 'BUCK' - Totale: 58 (1/3) Page
FabricantNo de pièceVoirDescription

Analog Devices
ADP3180 6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
ADP5024 Dual 3 MHz, 1200 mA Buck
ADP5037 Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
ADP3088 1 MHz, 750 mA Buck Regulator
ADP1872 Synchronous Current-Mode with Constant On-time, PWM Buck
ADP3208AJCPZ-RL 7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
ADP1870 Synchronous Buck Controller with Constant On-Time and Valley Current Mode
ADP3197 6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
ADP1876 600 kHz Dual Output Synchronous Buck
ADP5023 Dual 3 MHz, 800 mA Buck
ADP3166 5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
ADP3162 5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3196 6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
ADP3088ARM-REEL7 1 MHz, 750 mA Buck Regulator
ADP5037ACPZ-R7 Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
ADP1850 Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
ADP1877 Dual Output Synchronous Buck PWM Controller With Tracking
ADP3193 4-Bit Programmable Synchronous Buck Controllers
ADP2147 Compact, 800 mA, 3 MHz, Simple DVS, Buck Regulator Input voltage: 2.3 V to 5.5 V
ADP3182 Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller

  1 2 3