Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BUCK Fiches techniques, Datasheet

Description trouvée : 'BUCK' - Totale: 95 (1/5) Page
FabricantNo de pièceVoirDescription

National Semiconductor ...
LM5116WG Wide Range Synchronous Buck Controller
LM20134_08 4A, PowerWise® Synchronous Buck Regulator with Input Synchronization
LM3402_08 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM2647 Dual Synchronous Buck Regulator Controller
LM20125 5A, 500kHz PowerWise® Synchronous Buck Regulator
LM3405_08 Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
LM20123 3A, 1.5MHz PowerWise® Synchronous Buck Regulator
LM2696 3A, Constant On Time Buck Regulator
LM2854 4A 500 kHz / 1 MHz PowerWise® Synchronous SIMPLE SWITCHER® Buck Regulator
LM5085 75V Constant On-Time PFET Buck Switching Controller
LM20323A 36V, 3A 500 kHz Synchronous Buck Regulator
LM20333A 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
LM3495 Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM2852 2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM20146 6A, Adjustable Frequency Synchronous Buck Regulator
LM2743 N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
LM34919B Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM3743_08 High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
LM25088 Wide Input Range Non-Synchronous Buck Controller

  1 2 3 4 5