Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BUCK Fiches techniques, Datasheet

Description trouvée : 'BUCK' - Totale: 20 (1/1) Page
FabricantNo de pièceVoirDescription

Allegro MicroSystems
A6217 Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
A4402KLPTR-T Constant On-Time Buck Converter With Integrated Linear Regulator
A4407 The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
APEK8651KLP-01-MH Low Input Voltage, Adjustable Frequency Dual Synchronous 2A / 2A Buck Regulator with Synchronization, 2x EN, and 2x NPOR
A4409 Buck or buck-boost pre-regulator
A8670 The A8670 is a synchronous buck converter capable of delivering up to 2 A.
A8590 Wide Input Voltage, 2.4 MHz, 3.0 A Asynchronous Buck Regulator With Low-IQ Standby, Sleep Mode, External Synchronization, and NPOR Output
A8672 Fixed Frequency High Current Synchronous Buck Regulator With Fault Warnings and Power OK
A4402_1 Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 Constant On-Time Buck Converter with Integrated Linear Regulator
A4403_V Valley Current Mode Control Buck Converter
A6211 Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
A8654 Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
A8652 Wide Input Voltage, Synchronous USB Buck Regulator with Remote Load Regulation
A4402_12 The A4402 is a dual-output regulator, combining in a single package a constant on-time buck regulator and a linear regulator (LDO)—each with adjustable output voltages.
A4450 Buck-Boost Controller with Integrated Buck MOSFET
A8650 Low Input Voltage, Adjustable Frequency 2 A Synchronous Buck Regulator with EN/SYNC and Power OK
A8591 Wide Input Voltage, 2 A Buck Regulator Family with Low-IQ Mode
A6210_11 The A6210 is a buck regulator that uses valley current-mode control.
A4403 Valley Current Mode Control Buck Converter