Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BROWN Fiches techniques, Datasheet

Description trouvée : 'BROWN' - Totale: 284 (1/15) Page
FabricantNo de pièceVoirDescription

Ohmite Mfg. Co.
B20J2K5 Brown Devil® Vitreous Enamel Power

Molex Electronics Ltd.
0022268151 2.54mm (.100) KK® IDT Double Cantilever Contact, 15 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
34691-9662 Stac64™ Right Angle Header Assembly, Plastic Pin-Alignment-Plate, 16 Circuits, Polarization C, Brown, Tube
0340910003 MX150 1.50mm 3 Way Single Row Cable Seal, Keying Option C, Brown
0022267031 2.54mm (.100) KK® IDT Double Cantilever Contact, 3 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
98276-1005 3.33mm / 6.00mm Pitch Hybrid Male Inline Housing, Dual Row, 16 Circuits, Brown
0352780617 6.35mm Tab Width, Powermate Relay Housing, Female, Brown, 6 Circuits
0934454507 ML-XT Sealed 6 Circuit Plug Housing with Heatshrink, Pre-Assembled with Small Rear Seal and Cover, Brown
0366380003 2.50mm 3.50mm CMC Header, Right Angle, 48 Position, 1 Port, Brown, Peg, Lead-free
73403-6285 50 Ohms, FAKRA II SMB Jack, Keying Option F, Brown
0342500019 4.50mm Pitch MX150™ Cable Sealed Female Connector, Single Row, 3Circuits, Polarization C, without Connector Position Assurance, Dual Key, Brown
0934456147 ML-XT Sealed 12 Circuit Plug Housing, Pre-Assembled with Small Rear Seal and Cover, Keying Option D, Brown
34691-6122 Stac64™ Right Angle Header Assembly, Plastic Pin-Alignment-Plate, 12 Circuits, Polarization C, Brown, Tray
0334820804 3.50mm Pitch MX150™ Sealed Male Connector, Dual Row, 8 Circuits,Polarization D, without Connector Position Assurance, Brown
0987611002 3.33mm / 4.20mm Pitch Hybrid Male Connector, Sealed, 30 Circuits, Brown

Weidmuller
0205300000 Modular terminal, accessories, end plate and intermediate plate, Dark beige + brown, 2 mm

Molex Electronics Ltd.
0022269111 2.54mm (.100) KK® IDT Double Cantilever Contact, 11 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
34691-9202 Stac64™ Right Angle Header, 20 Circuits, Polarization C, Brown, Tube
0734035765_18 50 Ohms, FAKRA SMB Jack, Keying Option F, Brown

Ohmite Mfg. Co.
B20J3K0 Brown Devil® Vitreous Enamel Power

  1 2 3 4 5 6 7 8 9 10