Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



BRASS Fiches techniques, Datasheet

Description trouvée : 'BRASS' - Totale: 1051 (1/53) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0480061111 1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing, Brass Terminals, Single Key, with Beveled

Amphenol Corporation
28100 BODY - BRASS, NICKEL PLATING CONTACT - BRASS, SILVER PLATING

E-SWITCH
52-PV8F2Y1SS235 Silver Plated Brass
52-PV8F2V0SS305 Silver Plated Brass
52-PV5S64018 Silver Plated Brass
52-PV4F6Y0SS335 Silver Plated Brass
52-PV4F2Y0SS3G5 Silver Plated Brass

Pasternack Enterprises,...
PE7396-20 20 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Bod

Ralston Instruments.
QTHA-1FB0-RG G 1/8" female BSPP (ISO 228/1) x male Quick-test, no check checkvalve, brass
QTHA-2FBA 1/4 female NPT x female Quick-test, no check-valve, brass

Molex Electronics Ltd.
02-06-2103 1.57mm Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1560, Male, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Bag

Pasternack Enterprises,...
PE7050-30 30 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7009-30 30 dB Fixed Attenuator, 75 BNC Male To 75 BNC Female Brass Nickel Body Rated To 1 Watt Up To 1 GHz

Elektron Components Ltd...
MPB038 Low Profile Brass Chrome Plated Vandal Resistant

Molex Electronics Ltd.
0532591029 3.50mm (.138") Pitch Header, Right Angle, Lead-free, 10 Circuits, Brass (CuZnContact
0532591129 3.50mm (.138") Pitch Header, Right Angle, Lead-free, 11 Circuits, Brass (CuZnContact
0190840003 Open Barrel Star Ring, Brass, for 14-18 AWG Wire, Stud Size 10
0039000324 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1434, Male, with Tin (Sn) over Copper Plated Brass Contact, 24-28 AWG, Bag
0039000076 4.20mm (.165") Pitch Mini-Fit™ Crimp Terminal, Male, Brass, Gold (Au) Contact Plating, Lead-free, 18-24 AWG, Bag
0002092103 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Bag