Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BODY Fiches techniques, Datasheet

Description trouvée : 'BODY' - Totale: 2092 (7/105) Page
FabricantNo de pièceVoirDescription

Littelfuse
229 Axial Lead and Cartridge Fuses - Subminiature Glass Body

Molex Electronics Ltd.
1301800319 1/2 Cord Grip Grommet, F2 Body Size 2, 3, 4, 5, 6, or 7 holes 4.75mm

Taiyo Yuden (U.S.A.), I...
UMJ107BB7472MAHT Soft Termination MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications

Molex Electronics Ltd.
1300990181 MAX-LOC/Watertite Cord Grips, 1 NPT, Straight Male, Body Size F4, Cable

Taiyo Yuden (U.S.A.), I...
TMK325AB7106KMHPR Multilayer Ceramic Capacitors (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications

Molex Electronics Ltd.
0690081107 Die Set for 690081106, Modular Plug, FCC 68, 8/8 Circuit, Long Body
0950432895_18 Modular Plug, Cat5e, Short Body, Shielded, 8/8, Yellow Boot
0690081127 Die Set for 690081122, Modular Plug, FCC 68, 6/6 Circuit, Short Body

Taiyo Yuden (U.S.A.), I...
UMK316B7334MLHT Multilayer Ceramic Capacitors (High dielectric type) for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications

Infineon Technologies A...
IHW30N65R5_15 Reverse conducting IGBT with monolithic body diode

Molex Electronics Ltd.
0449150001_18 Modular Plug, Category 6, Long Body, Unshielded, 8/8
130180-0400 3/8 Cord Grip Grommet, F1 Body Size 9.53-11.10mm (.375-.437) Cord Diameter,Green

Pasternack Enterprises,...
PE7089-6_16 6 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body

Molex Electronics Ltd.
130180-0399 3/8 Cord Grip Grommet, F1 Body Size 4.75-6.35mm (.187-.250) Cord Diameter,Orange

Pasternack Enterprises,...
PE7091-0 0 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7416-20 20 dB Fixed Attenuator, TNC Female To TNC Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz

Ironwood Electronics.
CA-QFE44SE-L-Z-T-01 Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.

Pasternack Enterprises,...
PE7408-50 50 dB Fixed Attenuator, SMA Female To SMA Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz

Molex Electronics Ltd.
0879371600 2.54mm (.100) Pitch KK® Header, Single Row Dual Body, Through Hole, Vertical, 16 Circuits, 0.25μm (10μ) Gold(Au) Selective Plating, 17.63mm (.694) Stacking Height

Pasternack Enterprises,...
PE7405-50 50 dB Fixed Attenuator, SMA Male To SMA Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz

  1 2 3 4 5 6 7 8 9 10