Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BODY Fiches techniques, Datasheet

Description trouvée : 'BODY' - Totale: 2092 (11/105) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0732511351 50 Ohms, SMA Jack, Vertical, PCB SMT, Gold (Au) Body, Tape and Reel (400 Piece)

Pasternack Enterprises,...
PE7005-30 30 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz

Molex Electronics Ltd.
0734035122 50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body

Pasternack Enterprises,...
PE7053-30 30 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz

Molex Electronics Ltd.
0734151637 75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Body Tri-Alloy Plated

Pasternack Enterprises,...
PE7013-40 40 dB Fixed Attenuator, SMA Male To SMA Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7419-30 30 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz

NXP Semiconductors
SOT926-1 plastic thin fine-pitch ball grid array package; 100 balls; body 9 x 9 x 0.7 mm

Pasternack Enterprises,...
PE7412-3 3 dB Fixed Attenuator, N Female To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz

Molex Electronics Ltd.
0950432896 Modular Plug, Short Body, Shielded, 8/8, Blue Boot, Cat5

Pasternack Enterprises,...
PE7409-3 3 dB Fixed Attenuator, N Male To N Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz

SUYIN USA, INC.
020167MR008S102ZU USB SERIES A, R/A DUAL TYPE SHORT BODY DIP TYPE

Molex Electronics Ltd.
1301350288 Super-Safeway Angled Outlet Box, F3 (3/4) Cord Grip Body

Vishay Siliconix
WOMC_08 Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body

Molex Electronics Ltd.
1301800281 3/4 Cord Grip Grommet, F3 Body Size 15.88-19.05mm

Taiyo Yuden (U.S.A.), I...
UMJ212BB7104MGHT Soft Termination MLCC for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications

Molex Electronics Ltd.
1301460068 Watertite Connector, 2 Pole/3 Wire, NEMA 6-20, 250V, Cord Grip Body Size F2

Taiyo Yuden (U.S.A.), I...
UMK063CG111JTHF Multilayer Ceramic Capacitors (Temperature compensating type) for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications

Pasternack Enterprises,...
PE6197 High Power 100 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Conduction Cooled Body Black Anodized Aluminum Heatsink

Littelfuse
216SP 5×20mm fast-acting ceramic body cartridge fuse Designed to IEC specification

11 12 13 14 15 16 17 18 19 20