Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BOARD-TO-BOARD Fiches techniques, Datasheet

Description trouvée : 'BOARD-TO-BOARD' - Totale: 1650 (1/83) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
5009130402 0.40mm Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual 0.40mm Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual
0739447017 2.00mm Pitch HDM® Board-to-Board Backplane Header, Vertical, SMC, Solder Tail, Guide Pin Option, 144 Circuits
0737804143 2.00mm Pitch HDM® Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 60 Circuits, Mounted Height 13.00mm Pin Length 3.00mm Fit
0250020906_17 2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Stranded Topcoat, 9 circuits
0740268232 2.00mm Pitch VHDM® Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 9.00mm Blade
0482006001 1.27mm Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, Brown, with Plastic Peg, One End Cut, 0.25μm Gold (Au) Plating, 120 Circuits, Lead Free
5033082610 0.40mm Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking
0740611002 2.00mm Pitch VHDM® Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 6.25mm
0260011001 2.54mm Pitch Board-to-Board Ribbon Cable Jumper
0740622501 2.00mm Pitch VHDM® Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin Signal Module, Shield End Version, 200 Circuits, Pin Length 4.75mm
0524653671 0.80mm Pitch Board-to-Board Receptacle, Surface Mount, Dual Row, 36Circuits, Lead-free
0250020307_17 2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Stranded Topcoat, 3 circuits
0736441012 2.00mm Pitch HDM® Board-to-Board Backplane Header, Vertical, SMC, PressFit, Guide Post Location B, Polarizing Key Position G, 144 Circuits
0250020504 2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, StrandedTopcoat, 5 Circuits, Strip and Retain, 0.102m Length
0878712213 1.25mm (.049) Pitch Board-to-Board Receptacle, Through Hole, Friction Lock, with Kinked PC Tails, 13 Circuits, Tin (Sn) Overall, Tube Packaging, Lead-free
0737803864 2.00mm Pitch HDM® Board-to-Board Daughtercard Receptacle, Vertical, SignalModule, 144 Circuits, Mounted Height 14.00mm Pin Length 4.00mm
0740582504_18 VHDM Single-Ended Board-to-Board Backplane Header, 2.00mm Pitch, Vertical, 6 Rows, Pin End Version, 150 Circuits, 25 Columns, Pin Length 5.15mm
0737822200 2.00mm Pitch HDM Board-to-Board Stacking Header, High Rise Vertical, SMC, Closed End Option, 72 Circuits
0559090774 0.40mm Pitch Board-to-Board SlimStack™ Plug, Surface Mount, Dual Row Vertical Stacking, 1.50mm Stacking Height, Lead-free, 70 Circuits
0739444003 2.00mm (.079) Pitch HDM® Board-to-Board Backplane Header, Vertical, SMC, Solder Tail, Guide Pin Option, 72 Circuits

  1 2 3 4 5 6 7 8 9 10