Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



BLOCKS Fiches techniques, Datasheet

Description trouvée : 'BLOCKS' - Totale: 532 (1/27) Pages
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
MCBH-20 Contact blocks and lamp blocks with holder for front mounting

Cooper Bussmann, Inc.
16000-3 Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings

PHOENIX CONTACT
ST-OV2-60DC Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
ST-OV3-60DC Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks
ST-REL2-KG120 Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 1 N/O contact, 120 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks

Littelfuse
GDB Global Distribution Blocks

Cooper Bussmann, Inc.
BB1 Single Row Terminal Blocks Continued

Linear Technology
LTC1068-200CG Clock-Tunable, Quad Second Order, Filter Building Blocks

Molex Electronics Ltd.
0395443016 Eurostyle™ ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433017 Eurostyle™ ESE PCB Terminal Blocks Pluggable and Fixed Mount

Littelfuse
03500418Z FUSE BLOCKS

Dubilier
DBCTB21-2 TERMINAL BLOCKS 5.08mm PITCH PLUG IN

Analog Devices
ADL5532 20 MHz to 500 MHz IF Gain Blocks

STMicroelectronics
M50FLW040A 4 Mbit (5 x 64KByte Blocks + 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory

PHOENIX CONTACT
2322689 Power supply via terminal blocks with spring-cage double connection
2907457 Housing upper part, complete with PCB terminal blocks for full assembly. 8-pos., housing width: 12.5 mm
ST-REL7-HG-B24 Relay connector, equipped with Latching miniature switching relays, contacts (AgCdO): medium to large loads, 2 PDTs, input voltage 24 V DC,can be plugged on basic termination blocks
ST-REL3-SW42 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks

Cooper Bussmann, Inc.
T30030-2SR Class T 300V open fuse blocks