Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BLACK Fiches techniques, Datasheet

Description trouvée : 'BLACK' - Totale: 3288 (1/165) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0349003120 MXP120 Sealed Receptacle, 3 Circuit, Black Housing (T3-V2-S3), Key A, Black Insert
0877057911 1.00mm Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing
36638-0014 2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 72 loaded, 2 Port, Black and 2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 72 loaded, 2 Port, Black and
0877057456 1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.30mm (.091) Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing

Wurth Elektronik GmbH &...
471001264143 WS-RSTV Rocker Switch, 16A/250V, cut-out 19.2x12.9mm, OFF-ON, SPST, vertical, quick connect, curved, O l, black actuator, black frame, Bulk

Weidmuller
2418600000 Electronics housings, CH20M black, Housing, black, Width: 6.1 mm

Molex Electronics Ltd.
0877057453 1.00mm Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing
34707-3010 Stac64™ 3 Bay Vertical Header, 44 Circuits, Bay A 20 Circuit Signal Vertical Header, Polarization A, Black; Bay B, 8 Circuit Signal Vertical Header, Polarization A, Black, Bay C, 16 Circuit Signal Vertical Header, Polarization A, Black

OSRAM GmbH
LRTB-R98G black SMT package, higher contrast by a black surface (RGB-Displays) and diffused resin

Molex Electronics Ltd.
03-06-7023 1.57mm Diameter Standard .062 Pin and Socket Plug Housing, Black, 2 Circuits, without Mounting Ears, Black

Glenair, Inc.
120-103-1-1-06BE Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type B - With External Black Dacron Braid

Molex Electronics Ltd.
0003067023 1.57mm Diameter Standard .062 Pin and Socket Plug Housing, Black, 2 Circuits, Without Mounting Ears, Black

Weidmuller
2418610000 Electronics housings, CH20M black, Housing cover, black, Width: 5.2 mm

OSRAM GmbH
LYT64F-CADB-46-1 TOPLED Black Series Black package with lens, enhanced Thinfilm LED

Molex Electronics Ltd.
0877056050 1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, Black Latches, Nylon 6/6 Glass-filled, Black Housing
0022552342_18 2.54mm Pitch SL Crimp Housing, Dual Row, Version B, Polarized, 34 Circuits, Black

Pasternack Enterprises,...
PE7054-6_16 6 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body

OmniVision Technologies...
OV9284 automatic black level calibration (ABLC)

Molex Electronics Ltd.
0482036059 High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle,Right Angle, Through Hole, 15 Circuits, 2 #4-40 Hex Inner Thread Screws Assembled with Epoxy fixed, Black Housing

Tripp Lite. All Rights ...
N002-015-BK Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Black, 15-ft.

  1 2 3 4 5 6 7 8 9 10