Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BIT Fiches techniques, Datasheet

Description trouvée : 'BIT' - Totale: 3030 (1/152) Page
FabricantNo de pièceVoirDescription

OKI electronic componet...
MSM66585 Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller

Samsung semiconductor
K9WAG08U1A_067 1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9K4G08U1M 256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
K9XXG08UXA_06 1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory

Cirrus Logic
CS5525 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH

List of Unclassifed Man...
NX25P40 1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI

Richtek Technology Corp...
LNDADC18 <10uA Low OSR 18 Bit ΔΣ ADC 14 bit Pipeline / 6 bit Flash

STMicroelectronics
LRIS2K Memory TAG IC, 64 bit UID, 2048 bit EEPROM with Password 13.56MHz, ISO15693 and ISO18000-3 Mode 1 compliant

Samsung semiconductor
K9WAG08U1A 1G x 8 Bit / 2G x 8 Bit NAND Flash Memory

Texas Instruments
SN74VMEH22501 8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS

Samsung semiconductor
K9F5608U0B 32M x 8 Bit , 16M x 16 Bit NAND Flash Memory

Mitsubishi Electric Sem...
MH8V72AWZJ-5 FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM

Integrated Device Techn...
IDT72V15160 3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY

Analog Devices
AD7548_15 8 Bit P Compatible 12 Bit DAC

Alliance Semiconductor ...
AS6C8008-55ZIN 512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM

Toshiba Semiconductor
TMM23256P 256K BIT(32K WORD x 8 BIT) MASK ROM N-CHANNEL SILICON GATE

STMicroelectronics
M41T94 512 Bit 64 bit x8 SERIAL RTC SPI SRAM

AMIC Technology
A29400 512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory

Fujitsu Component Limit...
MB82DBS02163C 32 M Bit (2 M word×16 bit) Mobile Phone Application Specific Memory

Mitsubishi Electric Sem...
MH4V64AWXJ-5 FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM

  1 2 3 4 5 6 7 8 9 10