Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BIDIRECTIONAL Fiches techniques, Datasheet

Description trouvée : 'BIDIRECTIONAL' - Totale: 45 (1/3) Page
FabricantNo de pièceVoirDescription

Littelfuse
AQ4020 The AQ4020 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
SP1005_17 30pF 30kV Bidirectional Discrete TVS
SP1009 30pF 30kV Bidirectional Discrete TVS
SP1014 SP1014 Series 6pF 12kV Bidirectional Discrete TVS
K3002G Teccor® brand Thyristors Standard Bidirectional SIDACs
SP3022 SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SD-C 450W Discrete Bidirectional TVS Diode
AQ3118 AQ3118 Series 0.3pF 10KV Bidirectional Discrete TVS
HT32 Standard Bidirectional DIAC Trigger
SD05C 450W Discrete Bidirectional TVS Diode
SP4208 The SP4208 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
SP1021 SP1021 Series 6pF 12kV Bidirectional Discrete TVS
SP1013 SP1013 Series 30pF 30kV Bidirectional Discrete TVS
K2000F23 Standard Bidirectional SIDACs
SP1004 5pF Bidirectional TVS Array for ESD Protection
KXXX1GL Standard Bidirectional SIDACs
SPXX 100W Discrete Bidirectional TVS Diode
K1050SRP Teccor® brand Thyristors Standard Bidirectional SIDACs
SP1004_11 SP1004 Series 5pF 8kV Bidirectional TVS Array
SP1008_17 6pF 15kV Bidirectional Discrete TVS Protection

  1 2 3