Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BIDIRECTIONAL Fiches techniques, Datasheet

Description trouvée : 'BIDIRECTIONAL' - Totale: 22 (1/2) Page
FabricantNo de pièceVoirDescription

Pericom Semiconductor C...
PI74LPT16245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74VCX16245 2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74LCX245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74AVC16245_06 2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI4ULS3V16_13 1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI74LPT2Q245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI4ULS3V08 1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI74LCX16245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT162245 Fast CMOS 16-Bit Bidirectional Transceivers
PI74LPT245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74FCT162Q245T Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
PI74FCT163245 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI4GTL2002 2-bit bidirectional low voltage translator
PI74ALVCH32245 3.3V,32-Bit Bidirectional Transceiver with 3-State Outputs
PI74LPT16245CAEX Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74ALVTC16245 16-Bit BiDirectional Transceiver with 3-State Outputs
PI74ALVCH16245 3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74FCT3245 Fast CMOS 3.3V 8-Bit Bidirectional Transceiver
PI74ALVCHR162245 3.3V 16-Bit Bidirectional Transceiver with 3-State Output
PI74FCT245T Fast CMOS Octal Bidirectional Transceivers

  1 2