Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

BASE Fiches techniques, Datasheet

Description trouvée : 'BASE' - Totale: 2093 (1/105) Page
FabricantNo de pièceVoirDescription

3M Electronics
6883 Dual Binding Posts with Base (raised base)

PHOENIX CONTACT
2701085 I/O expansion module for use with Nanoline base unit. Equipped with 6 digital input and 4 NPN digital output channels. A maximum of three I/O expansion modules can be attached to a base unit.

Visual Communications C...
CM7302 Midget Flange Base, Bi-Pin Base

Adam Technologies, Inc.
MTJ-88CX1-FSP-PG-LG-M2 MAGNETICS TELEPHONE JACK INTEGRATED MAGNETICS & LEDs 10/100 BASE T & 1000 BASE T

PHOENIX CONTACT
2958053 Base element without snap foot, for aligning several base elements without ribs, L = 16.5 mm

TE Connectivity Ltd
408-8552 This tool is shipped in kit form and consists of the holder base, the cutting base, and the cutter set gage. Refer to Figure 1 and Figure 4. The kit also contains two hex wrenches.

PHOENIX CONTACT
2955577 Base element without snap foot, for aligning several base elements with ribs, L = 35 mm
2970028 Electronic board base, plug-in module base element
2700155 Outlet box with magnetic base for base mounting, black
2956657 Base element without snap foot, for aligning several base elements without ribs, L = 35 mm

Visual Communications C...
CM7909 Bayonet Base, Screw Base

PHOENIX CONTACT
2701098 I/O expansion module for use with Nanoline base unit. Equipped with 4 analog input channels. A maximum of three I/O expansion modules can be attached to a base unit.

NIHON DEMPA KOGYO
NV13M09WS Personal Radio Base Station and 5G Base Station

PHOENIX CONTACT
2971535 Electronic board base, plug-in module base element
2701040 I/O extension module for use with Nanoline base unit. Equipped with 2 analog input (0...10 V DC, -10...+10 V DC, 0/4...20 mA) and 2 analog output (0...10 V DC, 0/4...20 mA) channels. A maximum of three I/O extension modules can be attached to a base unit.
2316226 End cover for FB-PS-BASE/EX base. Use in power and indicator bus at each end base.

TE Connectivity Ltd
408-8550 This tool is shipped in kit form and consists of the holder base, the cutting base, and the cutter set gage.

Chicago Miniature Lamp,...
CM1317 B-6 Single Bayonet Base, B-3 1/2 Single Contact Miniature Flange Base

PHOENIX CONTACT
2970015 Electronic board base, plug-in module base element
2956903 Base element without snap foot, for aligning several base elements with ribs, L = 16.5 mm

  1 2 3 4 5 6 7 8 9 10