Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

AXIAL Fiches techniques, Datasheet

Description trouvée : 'Axial' - Totale: 8 (1/1) Page
FabricantNo de pièceVoirDescription

Schurter Inc.
SUT6.3X32PIGTAIL Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
80200603PT Axial Lead Fuse, 6.3x32 mm, low resistance, up to 30 A
8020.5068.PT Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
PFLT Axial leaded PTC-Fuses
SHF6.3X32PIGTAIL Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
PFVS Axial leaded PTC-Fuses
PFLR Axial leaded PTC-Fuses
PFST Axial leaded PTC-Fuses