Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

AXIAL Fiches techniques, Datasheet

Description trouvée : 'Axial' - Totale: 5 (1/1) Page
FabricantNo de pièceVoirDescription

Cooper Bussmann, Inc.
ABC-14-R Fast-acting, ceramic tube Optional axial leads available
C308F40MA Ferrule and axial lead 3 x 8.4 mm fast-acting, ceramic tube fuses for barrier applications
GMD-125MA Time delay, low breaking capacity Optional axial leads available
AGC-120 Fast-acting, glass tube Optional axial leads available 1/4 x 1-1/4 (6.3mm x 32mm) physical size Glass tube, nickel-plated brass endcap construction
S505SCH-3.15-R 5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses