Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



AMPS Fiches techniques, Datasheet

Description trouvée : 'AMPS' - Totale: 2567 (1/129) Pages
FabricantNo de pièceVoirDescription

Solid States Devices, I...
SPBM505-4.2X1 300 AMPS DISCHARGE 20 AMPS CHARGE CURRENT PROGRAMABLE BATTERY BYPASS MODULE

Kemet Corporation
VE1210K401R014 Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 3 Amps, 400 Amps, 1.6 J, 10 mW
VC1812K401R060 Varistors, VC, Low Voltage, 85 V, 60 VAC, 100 V, 165 V, 5 Amps, 400 Amps, 5.8 J, 15 mW
VE1210K401R025 Varistors, VE, Low Voltage High Temperature, 31 V, 25 VAC, 39 V, 67 V, 3 Amps, 400 Amps, 1.8 J, 10 mW
VE1206K201R017 Varistors, VE, Low Voltage High Temperature, 22 V, 17 VAC, 27 V, 46 V, 1 Amps, 200 Amps, 700 mJ, 8000 uW
VE0603K300R014 Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
VE1206M151R006 Varistors, VE, Low Voltage High Temperature, 8 V, 6 VAC, 11 V, 23 V, 1 Amps, 150 Amps, 500 mJ, 8000 uW
VC0603K300R030 Varistors, VC, Low Voltage, 38 V, 30 VAC, 47 V, 77 V, 1 Amps, 30 Amps, 100 mJ, 3000 uW

Edal Industries, Inc.
BR800 Silicon Bridge Rectifiers 8 Amps to 10 Amps

Kemet Corporation
VC0603K300R014 Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
VE1812K301R095_17 Varistors, VE, Low Voltage High Temperature, 125 V, 95 VAC, 150 V, 252 V, 5 Amps, 300 Amps, 5.2 J, 15 mW

Solid States Devices, I...
SPMR467-02 300 AMPS DISCHARGE 60 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE

Kemet Corporation
VC1210K401R014 Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 3 Amps, 400 Amps, 1.6 J, 10 mW
VE1210K401R017 Varistors, VE, Low Voltage High Temperature, 22 V, 17 VAC, 27 V, 46 V, 3 Amps, 400 Amps, 1.8 J, 10 mW
VE1206K121R035 Varistors, VE, Low Voltage High Temperature, 45 V, 35 VAC, 56 V, 92 V, 1 Amps, 120 Amps, 600 mJ, 8000 uW
VC1210K301R030 Varistors, VC, Low Voltage, 38 V, 30 VAC, 47 V, 77 V, 3 Amps, 300 Amps, 2.1 J, 10 mW
VE0603K300R020 Varistors, VE, Low Voltage High Temperature, 26 V, 20 VAC, 33 V, 56 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW

Powerex Power Semicondu...
QRS171D001 1700 Volts Fast Recovery Diode Module 1200 Amps Free Wheeling 700 Amps Average
QRS061K001 600 Volts Fast Recovery Diode Module 1000 Amps Free Wheeling 420 Amps Average

Kemet Corporation
VC2220K501R095 Varistors, VC, Low Voltage, 125 V, 95 VAC, 150 V, 250 V, 10 Amps, 500 Amps, 7.4 J, 20 mW