Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



AMPS Fiches techniques, Datasheet

Description trouvée : 'AMPS' - Totale: 2567 (1/129) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
VE1206M151R006 Varistors, VE, Low Voltage High Temperature, 8 V, 6 VAC, 11 V, 23 V, 1 Amps, 150 Amps, 500 mJ, 8000 uW
VP3225K401R275 Varistors, VP, Plastic Encapsulated, 350 V, 275 VAC, 430 V, 710 V, 5 Amps, 400 Amps, 13 J, 100 mW

Edal Industries, Inc.
BR800 Silicon Bridge Rectifiers 8 Amps to 10 Amps

Solid States Devices, I...
SPMS506-01 150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE

Kemet Corporation
VE1812K301R095_17 Varistors, VE, Low Voltage High Temperature, 125 V, 95 VAC, 150 V, 252 V, 5 Amps, 300 Amps, 5.2 J, 15 mW
VE0603M300R002_17 Varistors, VE, Low Voltage High Temperature, 3 V, 2 VAC, 4 V, 12 V, 1 Amps, 30 Amps, 100 mJ, 3000 uW
VC1210K401R014 Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 3 Amps, 400 Amps, 1.6 J, 10 mW
VE1206K121R040 Varistors, VE, Low Voltage High Temperature, 56 V, 40 VAC, 68 V, 112 V, 1 Amps, 120 Amps, 800 mJ, 8000 uW
VE0603K300R011 Varistors, VE, Low Voltage High Temperature, 14 V, 11 VAC, 18 V, 35 V, 1 Amps, 30 Amps, 200 mJ, 3000 uW
VE1210K251R035 Varistors, VE, Low Voltage High Temperature, 45 V, 35 VAC, 56 V, 92 V, 3 Amps, 250 Amps, 2.2 J, 10 mW
VC1210K301R030 Varistors, VC, Low Voltage, 38 V, 30 VAC, 47 V, 77 V, 3 Amps, 300 Amps, 2.1 J, 10 mW
VC0603K300R020 Varistors, VC, Low Voltage, 26 V, 20 VAC, 33 V, 54 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
VA1812K801R030 Varistors, VA, Automotive, 34 V, 30 VAC, 47 V, 50 V, 77 V, 5 Amps, 800 Amps, 3.8 J, 6 J, 15 mW

Unisonic Technologies
7N65 7 Amps, 650 Volts 7 Amps, 650 Volts

Powerex Power Semicondu...
QRS061K001 600 Volts Fast Recovery Diode Module 1000 Amps Free Wheeling 420 Amps Average

Kemet Corporation
VC0805K121R020 Varistors, VC, Low Voltage, 26 V, 20 VAC, 33 V, 54 V, 1 Amps, 120 Amps, 400 mJ, 5000 uW

Tyco Electronics
PBC Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps

Kemet Corporation
VE0805K121R014 Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 1 Amps, 120 Amps, 400 mJ, 5000 uW
VE1206K201R020 Varistors, VE, Low Voltage High Temperature, 26 V, 20 VAC, 33 V, 56 V, 1 Amps, 200 Amps, 800 mJ, 8000 uW

Solid States Devices, I...
SPBM505-4.2X1 300 AMPS DISCHARGE 20 AMPS CHARGE CURRENT PROGRAMABLE BATTERY BYPASS MODULE