Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



AMPS Fiches techniques, Datasheet

Description trouvée : 'AMPS' - Totale: 2567 (1/129) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
VC1210K301R030 Varistors, VC, Low Voltage, 38 V, 30 VAC, 47 V, 77 V, 3 Amps, 300 Amps, 2.1 J, 10 mW
VA1812K801R030 Varistors, VA, Automotive, 34 V, 30 VAC, 47 V, 50 V, 77 V, 5 Amps, 800 Amps, 3.8 J, 6 J, 15 mW

Powerex Power Semicondu...
QRS171D001 1700 Volts Fast Recovery Diode Module 1200 Amps Free Wheeling 700 Amps Average
QRS061K001 600 Volts Fast Recovery Diode Module 1000 Amps Free Wheeling 420 Amps Average

Tyco Electronics
PBC Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps

Kemet Corporation
VC0805K121R014 Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 1 Amps, 120 Amps, 400 mJ, 5000 uW
VE1206K201R020 Varistors, VE, Low Voltage High Temperature, 26 V, 20 VAC, 33 V, 56 V, 1 Amps, 200 Amps, 800 mJ, 8000 uW
VE1210K401R014 Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 3 Amps, 400 Amps, 1.6 J, 10 mW

Solid States Devices, I...
SPMS506-01 150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE

Kemet Corporation
VC1812K601R035 Varistors, VC, Low Voltage, 45 V, 35 VAC, 56 V, 90 V, 5 Amps, 600 Amps, 4.2 J, 15 mW
VE0603M300R002_17 Varistors, VE, Low Voltage High Temperature, 3 V, 2 VAC, 4 V, 12 V, 1 Amps, 30 Amps, 100 mJ, 3000 uW
VE0603K300R014 Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
VE1206K121R040 Varistors, VE, Low Voltage High Temperature, 56 V, 40 VAC, 68 V, 112 V, 1 Amps, 120 Amps, 800 mJ, 8000 uW
VC1812K301R095 Varistors, VC, Low Voltage, 125 V, 95 VAC, 150 V, 250 V, 5 Amps, 300 Amps, 5.2 J, 15 mW
VE1210K251R035 Varistors, VE, Low Voltage High Temperature, 45 V, 35 VAC, 56 V, 92 V, 3 Amps, 250 Amps, 2.2 J, 10 mW
VC0603K300R014 Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
VC0603K300R020 Varistors, VC, Low Voltage, 26 V, 20 VAC, 33 V, 54 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
VE1206K201R025 Varistors, VE, Low Voltage High Temperature, 31 V, 25 VAC, 39 V, 67 V, 1 Amps, 200 Amps, 1 J, 8000 uW

Unisonic Technologies
7N65 7 Amps, 650 Volts 7 Amps, 650 Volts

Kemet Corporation
VE1210K401R017 Varistors, VE, Low Voltage High Temperature, 22 V, 17 VAC, 27 V, 46 V, 3 Amps, 400 Amps, 1.8 J, 10 mW