Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



AWG Fiches techniques, Datasheet

Description trouvée : 'AWG' - Totale: 5885 (1/295) Pages
FabricantNo de pièceVoirDescription

MolexKits
76650-0048 Assorted Wire Nuts, 22-14 AWG, 22-10 AWG and 22-8 AWG

Molex Electronics Ltd.
0431784002 Sabre™ Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged
0005060301 Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
0638276000 Hand Crimp Tool for Nano-Fit Receptacle Terminals, 24 AWG and 26 AWG, UL1061 and UL1007 Insulations
191640077 STEP DOWN BUTT SPLICE PERMA-SEAL NIAC 12-10 AWG 16-14 AWG
0005060117 Flat Blade Crimp Terminal, Series 1508, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG (or 18 AWG Double Crimp), Reel Packaged
0688014225 Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG fused to 18 AWG
63901-4500 FineAdjust Applicator for Crimp Terminal, Male, 28 AWG, 41 Strands/44 AWG Wire

List of Unclassifed Man...
9903 4 Pairs, 3 - 28 AWG (7x32) tinned copper conductors, 1 - 24 AWG (7x36), all individually shielded, overall isolated Duofoil
JKXFD1G05MCSM Wire gauge range from 28 AWG to 14 AWG

Molex Electronics Ltd.
0688014226 Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG fused to 18 AWG
0688014084 Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG fused to 20 AWG
0191310014 InsulKrimp™ Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,InsulKrimp™ Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,
0191640043 Perma-Seal™ Step Down Butt Splice for 14-16 AWG to 18-22 AWG Wire
0688014228 Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG fused to 20 AWG
0688014085 Pico-EZmate-to-Pigtail cable assembly, 2 Circuits, 28 AWG fused to 20 AWG
0638275600 Hand Crimp Tool for Nano-Fit Receptacle Terminals, 20-22 AWG UL1061 wire and 22 AWG UL1007 wire

Harwin Plc
M80-2530042 DATAMATE TRIO-TEK FEMALE CRIMP CONTACT REELED 24-22 AWG & 28-26 AWG

Molex Electronics Ltd.
0190730148 Avikrimp™ Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4", LengthAvikrimp™ Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4", Length
0191640077 Perma-Seal™ Step Down Butt Splice from 10-12 AWG to 14-16 AWG