Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

AWG Fiches techniques, Datasheet

Description trouvée : 'AWG' - Totale: 5885 (5/295) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
19433-0013 MX150L 2 Circuit Plug for 10-12 AWG Wire
0191410063 Krimptite™ Spade Tongue Terminal for 14-16 AWG Wire

List of Unclassifed Man...
1348500 22 AWG BC cond, FEP insul, cond twisted into pairs and individually shielded w/Beldfoil

Tripp Lite. All Rights ...
P036-003-15A Heavy-Duty Power Extension Cord, 15A, 14 AWG (IEC-320-C19 to IEC-320-C20), 3 ft. (1 m)

Molex Electronics Ltd.
0082226117_17 2.54mm Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded, Tinned, 17 circuits
0082245909_17 2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Topcoat, 9 CIRCUITS
0194180020_18 MX150L 6 Circuit Receptacle for 18-22 AWG Wire, without CPA
0194180025_18 MX150L 10 Circuit Receptacle for 14-16 AWG Wire, without CPA
0008520105 KK® Cat Ear Crimp Terminal 8088, 22-30 AWG, Tin, Reel
0008560106 3.96mm Pitch KK® Crimp Terminal 2478, 18-24 AWG, Bag, Brass, 0.51μm Selective Gold (Au)

Tripp Lite. All Rights ...
P040-012 C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 12 ft., Black
P047-004 C19 to C14 Power Cord - Heavy Duty, 15A, 100-250V, 14 AWG, 4 ft., Black

Molex Electronics Ltd.
0191930034 VersaKrimp™ Ring Tongue Terminal for 18-22 AWG Wire
0194290028 MX150L™ 6 Circuit Panel Mount Plug for 14 to 22 AWG Wire
0190710155 InsulKrimp™ Ring Tongue Terminal for 8 AWG Wire, Stud Size Length Mylar Tape Carrier

List of Unclassifed Man...
5341FE Security & Alarm Cable, Riser-CMR, 2-18 AWG stranded bare copper pairs with polyolefin insulation

Molex Electronics Ltd.
0250020904_17 2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Stranded Topcoat, 9 circuits
0250021001_17 2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Stranded Topcoat, 10 circuits
0988981049 5.00mm Pitch UCC2 Receptacle Terminal, 3.00mm²; to 5.00mm²;(AWG 10-12), Reel
0460550007 Mini-Fit H2O Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), UL1015, 18-20 AWG

  1 2 3 4 5 6 7 8 9 10