Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

AWG Fiches techniques, Datasheet

Description trouvée : 'AWG' - Totale: 5885 (3/295) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0191210030 InsulKrimp™ Flanged Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 10Length 20.19mm
0082226017_17 2.54mm Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded, Topcoat
0082226108_17 2.54mm Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded, Tinned, 8 circuits
0194180005_18 MX150L 4 Circuit Receptacle for 18-22 AWG Wire, with CPA
0194180013_18 MX150L 10 Circuit Receptacle for 14-16 AWG Wire, with CPA
5055979000 MUO 2.5 Crimp Terminal, Female, SHKV0.5 and 20 AWG, Copper Alloy, Reel
0330012021_18 MX150 Female Terminal, Gold Plating, 14 and 16 AWG, Right Reel Payoff
Note:
Can Only Be Used with MX150 Unsealed Connectors
0039000207 4.20mm Pitch Mini-Fit Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
0082244417 2.00mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Topcoat, 17 Circuits

Tensility International...
10-01099 Cable, 915 mm, 3.5x1.35 mm 50-00057 dc jack to stripped tinned, 24 AWG, 30-00003 wire
10-01232 Cable, 102 mm, 5.5x2.1x10mm 50-00296 dc plug to 10 mm tinned, 24 AWG, UL2468, 30-00003 wire

Molex Electronics Ltd.
0190690232 Krimptite™ Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6, Length Mylar Tape Carrier

List of Unclassifed Man...
5541UE Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper pairs with polyolefin insulation

Molex Electronics Ltd.
0190370010 Krimptite™ Female Bullet Receptacle for 18-22 AWG Wire, 3.96mm Diameter,Open Barrel, Metal Strip Carrier
0250020806_17 2.54mm Pitch Board-to-Board Ribbon Cable Jumper - 24 AWG, Stranded Topcoat, 8 circuits
0357501010 Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm²), Stud Size 8 M4, Tin Plating
0986581223_18 MOX Crimp Terminal, Female, 0.635mm, 20-24 AWG (0.22-0.50mm²), Reel
0002092167 2.36mm Diameter, Standard Pin and Socket Crimp Terminal, Series 4549, Male, with Tin (Sn) Plated Phosphor Bronze Contact, 14-20 AWG, Bag Packaged

Tensility International...
CA-2208 Cable, 1830 mm, 3.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded

Molex Electronics Ltd.
0040062017 Panel Grounding Clip Crimp Terminal 42172, 16-18 AWG, Reel, 301 Stainless Steel

  1 2 3 4 5 6 7 8 9 10