Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

AWG Fiches techniques, Datasheet

Description trouvée : 'AWG' - Totale: 5885 (11/295) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0082186012 3.96mm Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 12 Circuits

General Cable Technolog...
C9044A 8C 16 AWG 19/.0117 TC PVC / PVC

Molex Electronics Ltd.
0192070005 NylaKrimp™ Parallel Splice for 10-12 AWG Wire
63900-9800 FineAdjust Applicator for Crimp Terminals, 14-20 AWG Wire with 2.65-3.30mm Diameter Insulation
0194031130 Terminal for Self Contained Header for 12-14 AWG Wire, Metal Strip Carrier
0190130033 InsulKrimp™ Fully Insulated Piggyback Quick Disconnect, Tab 6.35mm by0.81mm 10-12 AWG, Blue Insulator, Tape
0747521501_17 SFP+-to-SFP+ Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release Plunger Style Latch, 5.0m Length
0191930253 VersaKrimp™ Ring Tongue Terminal for 6 AWG Wire, Stud Size 56, Mylar TapeCarrier
1727653121 Mini-Fit TPA2 Male Crimp Terminal, Brass, Pre-Plated Tin (Sn), 18-20 AWG
0505587312 Ring Tongue Terminal for 2 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10 Oxygen-Free Copper, Length 42.00mm
0014450220_18 2.54mm Pitch SL Insulation Displacement Connector Assembly, Male, Single Row,Version D, Back Ribs, for Wire Size 24 AWG, 3.81μm Tin (Sn), 20 Circuits
0022426060 2.54mm KK® IDT Double Cantilever Contact, 6 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire
0190020041 Avikrimp™ Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190670131 NylaKrimp™ Funnel Entry Ring Tongue Terminal for 4/0 AWG Wire, Stud #16
19436-0412 MX150L 4 Circuit Rear Mount Flange Sealed Panel Mount Plug for 8 AWG Wire
0192020063 Funnel Entry Butt Splice for 18-22 AWG Wire

List of Unclassifed Man...
28451 24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield

Molex Electronics Ltd.
0795363012 Mini Multi-Lane iPass , 36 Circuits-to-(4) x 1 SATA, 30 AWG, 0.30m Length, iPass-to-Backplane, Pinout 1
0191440037 InsulKrimp™ Spade Tongue Terminal for 10-12 AWG Wire
0194290030_18 MX150L 10 Circuit Panel Mount Plug for 14-22 AWG Wire, Through Hole Flange

11 12 13 14 15 16 17 18 19 20