Moteur de recherche de fiches techniques de composants électroniques |
|
|
AWG Fiches technique, PDF |
Mot-clé recherché : 'AWG' - Totale: 648 (1/33) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Hubbell Incorporated. |
BURNDY_YAAKIT1 |
258Kb/2P |
Transformer Lug Kit, #6-2 AWG, 2/0 AWG-300 kcmil |
BISR4DBRK |
267Kb/2P |
Multi Tap Connector, UNITAP,Wire Range:#6 AWG-#4 AWG,Torque:50inlbs. | |
BISR1DBRK |
267Kb/2P |
Multi Tap Connector, UNITAP,Wire Range:#2 AWG-#1 AWG,Torque:130inlbs. | |
BIBD44RK |
287Kb/2P |
Clear Insulated Multiple Tap Connector,Aluminum Conductor - Size Range:8 AWG-4 AWG. | |
YAV102TC10 |
271Kb/2P |
Copper Compression Lug, 2 Hole w/ Inspection Window, 14 AWG -10 AWG (str)/ 12 AWG-10 AWG (sol), #10 Stud, 5/8" Stud Hole Spacing, Short Barrel, Tin - Electro Plated. | |
BIBS204RK |
261Kb/2P |
Clear Insulated Multiple Tap Connector,Aluminum Conductor - Size Range:8 AWG-2/0 AWG. | |
YAV102TC14 |
269Kb/2P |
Copper Compression Lug, 2 Hole w/ Inspection Window, 14 AWG -10 AWG (str)/ 12 AWG-10 AWG (sol), 1/4" Stud, 5/8" Stud Hole Spacing, Short Barrel, Tin - Electro Plated. | |
BIBD43RK |
262Kb/2P |
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-4 AWG. | |
NQ10M250D |
276Kb/2P |
Yellow Female Disconnect, #12 - 10 AWG | |
BITO4RK |
261Kb/2P |
Offset/Double Entry; #14 AWG - #4 AWG; 2 Port; Suitable for Hanging on a POS Rack. | |
BULF10P |
255Kb/1P |
Bullet Female Connectors, 10-12 AWG, 0.89 | |
BISR2 |
266Kb/2P |
Aluminum In-Line Splice, 14-2 AWG. | |
BITO20RK |
261Kb/2P |
Offset/Double Entry; #14 AWG - 2/0 AWG; 2 Port; Suitable for Hanging on a POS Rack. | |
BULM10P |
256Kb/1P |
Bullet Male Connectors, 10-12 AWG, 0.83 | |
BURNDY_YA27A10E |
271Kb/2P |
Uninsulated Al Compression Terminal, 3/0 AWG | |
BULM14P |
254Kb/1P |
Bullet Male Connectors, 14-16 AWG, 0.83 | |
BIBS203RK |
263Kb/2P |
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-2/0 AWG, 2.19 IN L. | |
BIBD202RK |
265Kb/2P |
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-2/0 AWG, 1.52 IN L. | |
YAITWS1814W |
268Kb/1P |
Instant Tap Connector, 18-14 AWG, 0.80" L | |
BISR500 |
266Kb/2P |
Aluminum In-Line Splice, 6 AWG-500 kcmil. |
1 2 3 4 5 6 7 8 9 10 > >> |
1 2 3 4 5 > >> |
Qu'est-ce que AWG |