Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ASSEMBLED Fiches techniques, Datasheet

Description trouvée : 'ASSEMBLED' - Totale: 199 (1/10) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
AX-1838HS The separate PIN diode and preamplifier IC are assembled on a single leadframe.

Molex Electronics Ltd.
130107-0025 Super-Safeway Assembled Rubber Stringlight Lampholder with MAX-LOC Grips

PHOENIX CONTACT
2305376 Round cable assembled with a 50-pos.
2314202 Assembled halogen-free round cable, with two 50-pos.
2305907 Round cable assembled with a 50-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 50 and have ferrules, cable length: 8 m
2318208 Round cable assembled with a 16-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 16 and have ferrules, cable length: 8.0 m
2321541 Assembled round cable with two molded 50-pos. socket strips (1:1 connection). Cable length: 17.0 m
2314956 Assembled round cable with two molded 40-pos. socket strips (1:1 connection). Cable length: 8.0 m

Tyco Electronics
C-100103 Assembled with AMP-LATCH MIL-Type Recept

PHOENIX CONTACT
2908029 Lower part of housing closed, fully assembled, with metal foot catch.
2906801 Lower part of housing,fully assembled, with integrated functional earth ground contact, (housing closed) and metal foot catch.
2300559 Assembled round cable, with one 16-pos. and one 14-pos. female connector (for Emerson Delta V), cable length: 1 m
2305295 Round cable assembled with a 14-pos.
2304924 Assembled circular cable, with two 20-pos.
2318499 Assembled round cable with two molded 16-pos.

Molex Electronics Ltd.
0482026043 D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits,#4-40 Flush Insert, 2 #4-40 Hex Internal Thread Screws Assembled, 0.76μm (Au) Plating

List of Unclassifed Man...
HW1K-2B Key Switches 2-Position (Assembled)

Littelfuse
157 The 157 SeriesStandard Nano Fuse/Clip assembly is a small, square, very fast acting surface mount fuse that is assembled in surface mountable fuse clips

Molex Electronics Ltd.
1301070029 Super-Safeway Assembled Rubber Stringlight Lampholder with Screw Clamps and Guard

Wurth Elektronik GmbH &...
74272591 SPLIT FLAT FERRITE (assembled)

  1 2 3 4 5 6 7 8 9 10