Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



AREA Fiches techniques, Datasheet

Description trouvée : 'AREA' - Totale: 567 (1/29) Pages
FabricantNo de pièceVoirDescription

Hamamatsu Corporation
S9979_11 CCD area image sensor TDI operation / large active area CCD

Fairchild Semiconductor
CCD595_04 9216 x 9216 Pixel Image Area 9216 x 9216 Pixel Image Area

Panasonic Semiconductor
MN39242FT CCD Area Image Sensor Diagonal 4.5 mm (type-1/4) 570k-pixel CCD Area Image Sensor

Hamamatsu Corporation
S9979 CCD area image sensor TDI operation / large active area CCD

Japan Aviation Electron...
ST7S014V4B CONTACTING AREA : GOLD OVER NICKEL TERMINAL AREA : GOLD FLASH OVER NICKEL

List of Unclassifed Man...
SSB-COB6518GW 65mm x 18mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green,

Panasonic Semiconductor
MN39260F 4.5 mm (type-1/4) 810k-pixel CCD Area Image Sensor

Ledil, Inc.
C14128 Oval beam for area lighting

OptoDiode Corp
AXUV300C Rectangular active area

SHANGHAI BELLING CO., L...
BL7431A It can be used widely in intelligent public telephone area

LUMEX INC.
SSB-COB13340GW 133mm x 40mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN, 132 CHIPS, 4.2V 660mA

Advanced Photonix, Inc.
SD197-70-72-661 Cooled Large Area 5mm Red Enhanced Silicon APD Module

Sharp Electrionic Compo...
LZ23J3V 1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels

PHOENIX CONTACT
2905415 Free of leakage current, suitable for use in the pre-meter area

Sensortechnics GmbH
AD230-8SMD APD with 0.04 mm² active area

Roithner LaserTechnik G...
LAPD-3-09-17-TO39 InGaAs Large Area Photo-Detector

LUMEX INC.
SSB-COB10025GW-A 100mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 40 CHIPS, 565mm GREEN, 4.2V 200mA

List of Unclassifed Man...
C30916E Large Area Silicon Avalanche Photodiode for General-Purpose Applications

PHOENIX CONTACT
2730307 Diag+, diagnostics software, for INTERBUS networks, area of application: Startup, maintenance and, for example, for integration in control desk software, can be integrated in 32 bit applications (ActiveX-capable)

Sensortechnics GmbH
AD230-9-400M-TO5 0.230 mm active area