Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



AREA Fiches techniques, Datasheet

Description trouvée : 'AREA' - Totale: 567 (1/29) Pages
FabricantNo de pièceVoirDescription

Hamamatsu Corporation
S9979 CCD area image sensor TDI operation / large active area CCD

Japan Aviation Electron...
ST7S014V4B CONTACTING AREA : GOLD OVER NICKEL TERMINAL AREA : GOLD FLASH OVER NICKEL

Hamamatsu Corporation
S9979_11 CCD area image sensor TDI operation / large active area CCD

Fairchild Semiconductor
CCD595_04 9216 x 9216 Pixel Image Area 9216 x 9216 Pixel Image Area

Panasonic Semiconductor
MN39242FT CCD Area Image Sensor Diagonal 4.5 mm (type-1/4) 570k-pixel CCD Area Image Sensor

Inchange Semiconductor ...
2SB982 Wide Area of Safe Operation

NXP Semiconductors
PESD1CAN215 PESD1CAN in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package designed to protect two automotive Controller Area Network (CAN) bus lines from the damage caused by ElectroStatic Discharge (ESD) and other transients.

Roithner LaserTechnik G...
LAPD-2-09-17-LCC InGaAs Large Area Photo-Detector

Rochester Electronics
82527 SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL

LUMEX INC.
SSB-COB6519GW-B 65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN CHIPS, 24 CHIPS, 4.2V 120mA

Freescale Semiconductor...
33661 Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate

Texas Instruments
TLV987 3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR

LUMEX INC.
SSB-LX2501SUGW 8.70mm X 3.55mm VIEWING AREA LIGHT BAR

Molex Electronics Ltd.
130112-0032 Replacement Cover Glass for Watertite Enclosed Wide Area Light

LUMEX INC.
SSB-COB6716GW 67mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN, 26 CHIPS, 4.2V 130mA, WITH PINS

Hamamatsu Corporation
S9295 Large area photodiode integrated with op amp and TE-cooler

Toshiba Semiconductor
TCD5340C CCD AREA IMAGE SENSOR

Ledil, Inc.
CA13473 Wide oval beam for area lighting optimized for CREE XT-E. Assembly with installation tape.

Hamamatsu Corporation
C7020_15 Designed for front-illuminated CCD area image

Molex Electronics Ltd.
0879858050 2.00mm (.079) Pitch Milli-Grid™ IDT Receptacle, Dual Row, with Center Polarization Key and Embossed Metal Latch, 50 Circuits, 0.38μm (15μ) Gold(Au) Plating on contact area