Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



APD Fiches techniques, Datasheet

Description trouvée : 'APD' - Totale: 130 (1/7) Pages
FabricantNo de pièceVoirDescription

Hamamatsu Corporation
C4777_10 APD module APD module integrated with peripheral circuits
S4402 Si APD φ1 mm quadrant APD

Finisar Corporation.
FTR-1619-47 WDM Gigabit GBIC Transceiver with APD Receiver

California Eastern Labs
NR4211TH InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS

OPLINK Communications I...
SRX12APD-0410 High Sensitivity OC-12/STM-4 APD Receivers

Emcore Corporation
G3072-408 Coplanar Bottom Illuminated APD

Sensortechnics GmbH
AD230-9TO APD with 0.04 mm² active area

Advanced Photonix, Inc.
SD394-70-72-661 Cooled Large Area 10mm Red Silicon APD Module

Hamamatsu Corporation
S8664 Short wavelength type APD

Maxim Integrated Produc...
MAX15061 80V, 300mW Boost Converter and Current Monitor for APD Bias Applications

Mitsubishi Electric Sem...
FU-318AP-M6 InGaAs APD MODULE FOR LONG WAVELENGTH BAND

Sensortechnics GmbH
AD230-12 APD with 0.04 mm² active area

List of Unclassifed Man...
ATV10GC 10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA

Maxim Integrated Produc...
MAX1932 Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply

Linear Technology
LT3571_15 75V DC/DC Converter for APD Bias

Sensortechnics GmbH
AD500-8 APD with 0.2 mm² active area
50130802 25 element APD array

MPS Industries, Inc.
MP3430GQ-Z 90V Step-Up Converter with APD Current Monitor

California Eastern Labs
NR8501 InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS

OPLINK Communications I...
SRX03-APD High Sensitivity OC-3/STM-1 APD Receivers

1 2 3 4 5 6 7 Next