Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

AMPLIFIER Fiches techniques, Datasheet

Description trouvée : 'AMPLIFIER' - Totale: 48 (1/3) Page
FabricantNo de pièceVoirDescription

International Rectifier
IR43X2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4301 Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IRFB4020PBF_15 Key parameters optimized for Class-D audio amplifier applications
IRAUDAMP8_15 120W x 4 Channel Class D Audio Power Amplifier
IRS2092_15 PROTECTED DIGITAL AUDIO AMPLIFIER
IRFB4212PBF_15 Key parameters optimized for Class-D audio amplifier applications
IRAUDAMP12_15 130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21_15 90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4 120 W x 2 Channel Class D Audio Power Amplifier
IR4302M_13 2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IRFS5615PBF_15 Key Parameters Optimized for Class-D Audio Amplifier Applications
IRAUDAMP16_15 70W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP7S 25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092S Protected Digital Audio Driver
IRAUDAMP17_15 100W/4 x 2 Channel Class D Audio Power Amplifier
IR4301M Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IRAUDPS3_15 Class-D Audio Amplifier
IRFS4020PBF_15 Key parameters optimized for Class-D audio amplifier applications
IRS2052MPBF 2 CH Digital Audio Amplifier
IRAUDAMP5_15 120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4A_15 120 W x 2 Channel Class D Audio Power Amplifier

  1 2 3