Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ADDITIONAL Fiches techniques, Datasheet

Description trouvée : 'ADDITIONAL' - Totale: 110 (1/6) Page
FabricantNo de pièceVoirDescription

AVX Corporation
12105C225K4Z2A With increased requirements from the automotive industry for additional component robustness, AVX recognized the need to produce a MLCC with enhanced mechanical strength.

PHOENIX CONTACT
2701565 Existing signal towers can be extended without additional wiring

Sangdest Microelectroni...
127SPC020 Additional testing can be offered upon request

Silicon Laboratories
1407032 Updated specifications based on the results of additional silicon characterization.
1503163 Updated specifications based on the results of additional silicon characterization.

List of Unclassifed Man...
9164 ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PIN OUT OR ADD ADDITIONAL COMPONENTS

Ledil, Inc.
F16011 ~35° medium beam. Clean appearance with no additional attachment interface

Silicon Laboratories
1407033 Updated specifications based on the results of additional silicon characterization

PHOENIX CONTACT
2701564 Existing signal towers can be extended without additional wiring

Texas Instruments
CDCM1802_15 CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O + Additional LVCMOS Output

Ledil, Inc.
F16013 ~35° medium beam. Clean appearance with no additional attachment interface and compatible

Silicon Laboratories
1409081 This note already existed in the data sheet in the Reset Sources chapter, and it’s been added to additional locations to make it more prominent.

List of Unclassifed Man...
9163 ACCEPTS ONE 14 OR 16-PIN S.O.I.C. or TWO 8-PIN SOICs DIRECT PINOUT OR ADD ADDITIONAL COMPONENTS

Ledil, Inc.
F14624 ~10° spot beam. Clean appearance with no additional attachment interface and compatible

PHOENIX CONTACT
UM-16RELS VARIOFACE output module, with plug-in bases for 16 miniature relays, 1 PDT each, for 24 V DC (without relays), with additional N and PE connection terminal blocks
2701563 Existing signal towers can be extended without additional wiring

SyncMOS Technologies,In...
SM39R16A6 Additional Baud Rate Generator for Serial port

PHOENIX CONTACT
2752411 INTERBUS ST bus terminal modules with additional interfaces (I/O)
CF-1000-1 Quick change of cross section without the need for additional adjustments

Freescale Semiconductor...
MC68HC08JB8A This addendum provides additional information

  1 2 3 4 5 6