Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ADCS Fiches techniques, Datasheet

Description trouvée : 'ADCS' - Totale: 845 (1/43) Page
FabricantNo de pièceVoirDescription

Texas Instruments
ADS6149_14 14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs

Linear Technology
LTC2230_15 10-Bit,170Msps/ 135Msps ADCs

Texas Instruments
ADS1260_18 Precision, 5-Channel and 10-Channel, 40-kSPS, 24-Bit, Delta-Sigma ADCs With PGA and Monitors

Cirrus Logic
CS5532 24-bit ΔΣ ADCs with Ultra-low-noise PGIA

STMicroelectronics
STM32F405ZGT6 ARM Cortex-M4 32b MCU+FPU, 210DMIPS, up to 1MB Flash/192+4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera

Analog Devices
AD7938_15 8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer

Linear Technology
LTC2408_15 4-/8-Channel 24-Bit Power No Latency ADCs

Maxim Integrated Produc...
MAX1242 +2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8

ams AG
AS1524_1 150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs

Analog Devices
AD7440BRT Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23

Linear Technology
LTC2259-12_15 12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs

Analog Devices
ADA4930-1_17 Ultralow Noise Drivers for Low Voltage ADCs

Maxim Integrated Produc...
MAX1064 400ksps, +5V, 8-/4-Channel, 10-Bit ADCs with +2.5V Reference and Parallel Interface
MAX11661_1111 500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs

Analog Devices
AD7478A_15 2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70

Linear Technology
LTC2222_15 12-Bit,105Msps/ 80Msps ADCs

Analog Devices
AD7776 LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs

Texas Instruments
ADS6149 14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs

STMicroelectronics
STM32F405XX_12 ARM Cortex-M4 32b MCU+FPU, 210DMIPS, up to 1MB Flash/192+4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera

Analog Devices
AD7914_15 4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP

  1 2 3 4 5 6 7 8 9 10