Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ADC Fiches techniques, Datasheet

Description trouvée : 'ADC' - Totale: 2753 (1/138) Page
FabricantNo de pièceVoirDescription

Texas Instruments
ADS8284_14 ADS8284 18-BIT, 1-MSPS, Pseudo-Bipolar Differential SAR ADC with On-Chip ADC Driver (OPA) and 4-Channel Differential Multiplexer

Analog Devices
MT-022 ADC Architectures III: Sigma-Delta ADC Basics
MT-023 ADC Architectures IV: Sigma-Delta ADC Advanced Concepts and Applications

Texas Instruments
ADS8254 16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8284 18-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
PCM9211 Integrated DIX, ADC, and Signal Routing:Asynchronous Operation (DIR, DIT, ADC)Mux and Routing of PCM Data:I2S™, Left-Justified, Right-Justified

Asahi Kasei Microsystem...
AK5700 16-Bit ΔΣ Mono ADC with PLL & MIC-AMP

Texas Instruments
ADS58H40_14 Quad-Channel, 250-MSPS Receiver and Feedback ADC

Avia Semiconductor Co.,...
HX720 24-Bit ADC with On-chip 3.3V Output Regulator

SCHOTT CORPORATION
34561 LM259X Inductor 22 μHy 3.50 ADC

Linear Technology
LTC2285_15 Dual 14-Bit, 125Msps Low Power 3V ADC

Wolfson Microelectronic...
WM8738 24 BIT STEREO ADC

Linear Dimensions Semic...
LND3045 Analog Sensor Interface Chip- SAR ADC with SPI

STMicroelectronics
STM8AF6213 Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V

Texas Instruments
ADS5527 12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS

Analog Devices
ADE7912 3-Channel, Isolated, Sigma-Delta ADC with SPI

Linear Technology
ADA4899-1 Rail-to-Rail SAR ADC Driver Amplifier

Intersil Corporation
KAD5514P 14-Bit, 250/210/170/125MSPS ADC

Linear Technology
LTC2308_15 Low Noise, 500ksps, 8-Channel, 12-Bit ADC

Maxim Integrated Produc...
MAX108 ±5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier

  1 2 3 4 5 6 7 8 9 10