Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ADAPTOR Fiches techniques, Datasheet

Description trouvée : 'ADAPTOR' - Totale: 634 (1/32) Page
FabricantNo de pièceVoirDescription

Ironwood Electronics.
CA-PLCC052-D-J Carrier Adaptor (CA): 52 position PLCC Production socket with test points to 52 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-QFE44SE-L-Z-T-01 Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
CA-QFE44SE-M-Z-T-01 Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
CA-PLCC068-D-J-01 Carrier Adaptor (CA): 68 position PLCC production socket to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC068-D-J-T-01 CARRIER ADAPTOR 68 position PLCC production socket with test points to 68 position PLCC J leaded SM foot. 2 pc. adaptor.
CA-PLCC068-Z-J-T-01 Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probe to surface mountable PLCC emulator foot.
CA-PLCC068-Z-P-T-01 CARRIER ADAPTOR 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.
CA-PLCC20-Z-J-T-01 PLCC Carrier Adaptor 2 piece pluggable adaptor, PLCC ZIF socket with test probes to surface mountable PLCC emulator foot.
CA-PLCC044-Z-P-T-01 Carrier adaptor, 2 piece pluggable adaptor, PLCC ZIF socket with test probes to male PLCC plug.

ADL Embedded Solutions
MSMMX104EX Adaptor Board to Accept MXM-II Graphics Module

Rosenberger Hochfrequen...
03K109-S00S3 ADAPTOR

Mean Well Enterprises C...
SGA60U 60W AC-DC High Reliability Slim Wall-mounted Adaptor

Rosenberger Hochfrequen...
53K156-K00N5 ADAPTOR
07P132-S00S3 ADAPTOR RPC-7SMA PLUG
P5S174-K20S3 Calibration Adaptor

Ironwood Electronics.
CA-PLCC84-D-J-02 Carrier Adaptor 84 pin PLCC production socket to 84 pin surface mount foot. Top and bottom interface plug via a gold plated minigrid array.

Rosenberger Hochfrequen...
05K1P4-S00S3 ADAPTOR
56S151-K00N5 ADAPTOR TNC 50 Plug - BNC 50 Jack

Ironwood Electronics.
CA-QFE52SF-M-Z-T-01 Carrier Adaptor (CA), QFP 52 position QFP ZIF socket with test points and pluggable intermediate interface compatible with SF-QFE52SF-L-03 surface-mount foot (lead-less) shown (not included).

Rosenberger Hochfrequen...
03K121-K20S3 Calibration Adaptor

  1 2 3 4 5 6 7 8 9 10