Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ACCORDING Fiches techniques, Datasheet

Description trouvée : 'ACCORDING' - Totale: 228 (1/12) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
PSR-PIP-24DC Up to Cat.4/PL e according to EN ISO 13849-1, SILCL 3 according to EN 62061, SIL 3 according to IEC 61508
PSR-SCP-24DC Up to Cat.4/PL e according to EN ISO 13849-1, SILCL 3 according to EN 62061, SIL 3 according to IEC 61508
PSR-SPP-24DC Up to Cat.4/PL e according to EN ISO 13849-1, SILCL 3 according to EN 62061, SIL 3 according to IEC 61508
PSR-MS55-1NO-1DO-24DC-SC Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061
PLC-OSP-110DC Shock resistance according to DIN 50155 (requirements according to EN 61373)
PSR-MS35-1NO-24DC-SC Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061
PSR-MS45-1NO-1DO-24DC-SC Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061
PSR-MS50-1NO-1DO-24DC-SC Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061
SF-BIT-HEX-4-50 Screw bit, hexagon, drive, size: Hex 4 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173

Rosenberger Hochfrequen...
51Z322-000-DB All dimensions are in mm; tolerances according to ISO 2768 m-H

PHOENIX CONTACT
2764836 Fast snap-on mounting on symmetrical DIN rails according to EN 60715

Rosenberger Hochfrequen...
53K107-108N5 All dimensions are in mm; tolerances according to ISO 2768 m-H

STMicroelectronics
AN4363 This document gives basic guidelines to select the AC switch device according

PHOENIX CONTACT
SF-M-BH Bit screwdriver, with quick-action chuck, handle length 119 mm, 2-component handle, with non-slip grip, suitable for bits according to DIN 3126-C 6.3 and E 6.3/ISO 1173, magnetic

Rosenberger Hochfrequen...
L99-M0014-XXX-Y-DB All dimensions are in mm; tolerances according to ISO 2768 c

Vishay Siliconix
VLMW33 Chromaticity coordinate categorized according to CIE1931 per packing unit

List of Unclassifed Man...
EM4223 Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6

STMicroelectronics
STEVAL-ISA019V1 Safety compliant according EN60950

Infineon Technologies A...
SMBD914_07 Silicon Switching Diode For high-speed switching applications Qualified according AEC Q101

PHOENIX CONTACT
SF-BIT-HEXB-5-89 Screw bit, hexagonal with ball head, drive, size: Hex 5 x 89 mm, hardened, suitable for holder according to DIN 3126-F 6.3/ISO 1173

  1 2 3 4 5 6 7 8 9 10