Moteur de recherche de fiches techniques de composants électroniques |
|
|
975 Fiches technique, PDF |
Mot-clé recherché : '975' - Totale: 16 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
KR Electronics, Inc. |
2803 |
35Kb/2P |
975 MHz Center Frequency |
Pulse A Technitrol Comp... |
CX6155NL |
110Kb/2P |
Diplexer 5-865/975-1025 MHz |
CX6157NL |
413Kb/2P |
Diplexer 50-870/975-1025 MHz | |
C6201SNL |
468Kb/2P |
Diplexer 975-1025 / 1125-1525 MHz | |
WALSIN TECHNOLOGY CORPO... |
RFBPF3225180Y1T |
795Kb/8P |
975 ~ 1025 MHz Band RF Application |
Tyco Electronics |
MAFLCT0081 |
77Kb/4P |
CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz |
M/A-COM Technology Solu... |
MAFLCT0081 |
82Kb/4P |
CATV Bandpass Filter 50 - 870 / 975 - 1025 / 1125 - 1425MHz |
Tyco Electronics |
MAFL-007898-CD0AC0 |
90Kb/4P |
CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz |
M/A-COM Technology Solu... |
MAFL-008070-CL0AD0 |
65Kb/3P |
CATV MoCA Low Pass Filter 50 - 870/ 975 - 1525 MHz |
MAFL-007898-CD0AC0 |
82Kb/4P |
CATV Diplex Filter 50 - 870 / 975 - 1525 / 2000 - 3000MHz | |
OSRAM GmbH |
SPLE01N98G2 |
221Kb/7P |
Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 975 nm |
Fluke Corporation |
975 |
564Kb/2P |
Fluke 975 AirMeter??Five powerful tools in one, with simple one-touch air velocity |
Lumics GmbH |
LU0975M500 |
159Kb/2P |
975 nm Single Mode Laser Module up to 500 mW c.w. Operating Power 2020-11-24 |
Pasternack Enterprises,... |
PE4573 |
223Kb/3P |
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch Hole Spacing |
PE4574 |
254Kb/3P |
7/16 DIN Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .975 inch Hole Spacing | |
Roithner LaserTechnik G... |
LDM-0980-300M-92 |
179Kb/3P |
CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package |