Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

808 Fiches techniques, Datasheet

Description trouvée : '808' - Totale: 24 (1/2) Page
FabricantNo de pièceVoirDescription

OSRAM GmbH
SPLMN81G2 Passively Cooled Diode Laser Bar, 50 W cw at 808 nm
SPLMN81X2 Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
SPLE03N81G2 Aktiv gekulter Diodenlaser-Barren, 180 W cw bei 808 nm

Roithner LaserTechnik G...
LDM-0808-300M-91 CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package

OSRAM GmbH
SPLBS81-9S Un-mounted Laser Bars, 82.5% Fill-factor, 808 nm

JDS Uniphase Corporatio...
L4-2495-001 High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser

OSRAM GmbH
SPLE10N81G2 Actively Cooled Diode Laser Bar, 600 W cw at 808 nm
SPLMN98X2 Passively Cooled Diode Laser Bar, 40 W cw at 808 nm
SPLE03N81S9 Aktiv gekulter Diodenlaser-Barren, 450 W qcw bei 808 nm

Roithner LaserTechnik G...
LDM-0808-1000-93 CW Output Power: 1 W Typical 808 nm Emission Wavelength High-efficiency Quantum Well Structure TO5 Package

OSRAM GmbH
SPLBX81-2S Unmounted Laser Bars, 30% Fill-Factor, 808 nm
SPLBG81-2S Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLMY81G2 Passively Cooled Diode Laser Bar, 45 W cw at 808 nm
SPLE20N81G2 Actively Cooled Diode Laser Bar, 1200 W cw at 808 nm
SPLBG81-20S Unmontierte Laserbarren, 50% Fullfaktor, 808 nm

KR Electronics, Inc.
2907 808 MHz Center Frequency

OSRAM GmbH
SPLMY81S9 Passively Cooled Diode Laser Bar, 140 W cw at 808 nm
SPLBG81-9S Un-mounted Laser Bars, 50% Fill-factor, 808 nm
SPLE01N81G2 Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 808 nm
SPLMN81S9 Passively Cooled Diode Laser Bar, 150 W qcw at 808 nm

  1 2