Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

8000 Fiches techniques, Datasheet

Description trouvée : '8000' - Totale: 42 (1/3) Page
FabricantNo de pièceVoirDescription

Kemet Corporation
VE1206K201R020 Varistors, VE, Low Voltage High Temperature, 26 V, 20 VAC, 33 V, 56 V, 1 Amps, 200 Amps, 800 mJ, 8000 uW

International Rectifier
IRFHP8321PBF 101 North Sepulveda Boulevard, El Segundo, California, 90245, USA Telephone 1 310 726 8000

Mini-Circuits
ZRON-8G 50Ω Medium Power 2000 to 8000 MHz

Kemet Corporation
VC1206M151R002 KEMET, VC, Varistors, Low Voltage, 3 V, 2 VAC, 4 V, 10 V, 1 A, 150 A, 200 mJ, 8000 uW

Micronetics, Inc.
NMA2517-1T High Power Broadband Noise Sources 2000 MHz to 8000 MHz

Texas Instruments
ISO7820 High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator

StarHope
ASS-ASB Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 22 to 42 Volts 8000 Watt Peak Pulse Power

Texas Instruments
ISO7820_15 ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7840_15 ISO7840 ISO7840F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator

Hittite Microwave Corpo...
HMC713LP3E 54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz

Pasternack Enterprises,...
PE8602 50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz

Kemet Corporation
VE1206K121R040 Varistors, VE, Low Voltage High Temperature, 56 V, 40 VAC, 68 V, 112 V, 1 Amps, 120 Amps, 800 mJ, 8000 uW

List of Unclassifed Man...
8000 8000 SERIES / DIP REED RELAYS

Kemet Corporation
SSHB21H-15080 KEMET, SSHB21H, AC Line Filters, Dual Mode, 8000 uH

Texas Instruments
ISO7842 ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator

Hittite Microwave Corpo...
HMC602LP4_09 70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz

Kemet Corporation
VE1206K201R025 Varistors, VE, Low Voltage High Temperature, 31 V, 25 VAC, 39 V, 67 V, 1 Amps, 200 Amps, 1 J, 8000 uW

Advanced Semiconductor ...
ASW214 5 ~ 8000 MHz MMIC Amplifier

Hittite Microwave Corpo...
HMC602LP4 70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz

Kemet Corporation
VE1206M151R002 KEMET, VE, Varistors, Low Voltage High Temperature, 3 V, 2 VAC, 4 V, 12 V, 1 A, 150 A, 200 mJ, 8000 uW

  1 2 3